Electronic Components Datasheet Search
  English  ▼

X  

DMP3010LPS-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP3010LPS-13
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3010LPS-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP3010LPS-13 Datasheet HTML 1Page - Diodes Incorporated DMP3010LPS-13 Datasheet HTML 2Page - Diodes Incorporated DMP3010LPS-13 Datasheet HTML 3Page - Diodes Incorporated DMP3010LPS-13 Datasheet HTML 4Page - Diodes Incorporated DMP3010LPS-13 Datasheet HTML 5Page - Diodes Incorporated DMP3010LPS-13 Datasheet HTML 6Page - Diodes Incorporated DMP3010LPS-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMP3010LPS
Document number: DS32239 Rev. 13 - 3
2 of 7
www.diodes.com
November 2017
© Diodes Incorporated
DMP3010LPS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 7) VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
-36
-29
A
Continuous Drain Current (Note 7) VGS = -4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
-31
-25
A
Continuous Drain Current (Note 6) VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
-14.5
-11.5
A
Pulsed Drain Current (Notes 6 & 9)
IDM
-100
A
Avalanche Current (Notes 10 & 11)
IAS
-17.5
A
Avalanche Energy (Notes 10 & 11) L = 1mH
EAS
153
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
1.26
W
Thermal Resistance, Junction to Ambient @TA = +25°C (Note 5)
RθJA
97
°C/W
Power Dissipation (Note 6)
PD
2.18
W
Thermal Resistance, Junction to Ambient @TA = +25°C (Note 6)
RθJA
55
°C/W
Power Dissipation (Note 7)
PD
14.37
W
Thermal Resistance, Junction to Ambient @TA = +25°C (Note 7)
RθJA
8.7
°C/W
Power Dissipation (Notes 7 & 8)
PD
58.7
W
Thermal Resistance, Junction to Case @TC = +25°C (Notes 7 & 8)
RθJC
2.13
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 11)
Drain-Source Breakdown Voltage
BVDSS
-30
—
—
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
—
—
-1.0
μA
VDS = -30V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 11)
Gate Threshold Voltage
VGS(TH)
-1.1
-1.6
-2.1
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS(ON)
—
5.7
7.5
m
Ω
VGS = -10V, ID = -10A
—
7.2
10
VGS = -4.5V, ID = -10A
Forward Transfer Admittance
|Yfs|
—
30
—
S
VDS = -15V, ID = -10A
Diode Forward Voltage
VSD
—
-0.65
-1.0
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 12)
Input Capacitance
Ciss
—
6,234
—
pF
VDS = -15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
1,500
—
pF
Reverse Transfer Capacitance
Crss
—
774
—
pF
Gate Resistance
Rg
—
1.28
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = -10V)
Qg
—
126.2
—
nC
VDS = -15V, ID = -10A
Total Gate Charge (VGS = -4.5V)
Qg
—
59.2
—
nC
VDS = -15V, VGS = -4.5V,
ID = -10A
Gate-Source Charge
Qgs
—
16.1
—
nC
Gate-Drain Charge
Qgd
—
15.7
—
nC
Turn-On Delay Time
tD(ON)
—
11.4
—
ns
VDS = -15V, VGEN = -10V,
RG = 6Ω, ID = -1A
Turn-On Rise Time
tR
—
9.4
—
ns
Turn-Off Delay Time
tD(OFF)
—
260.7
—
ns
Turn-Off Fall Time
tF
—
99.3
—
ns
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. Device mounted on FR-4 PCB with infinite heatsink.
8. RθJC is guaranteed by design while RθCA is determined by the user’s board design.
9. Repetitive rating, pulse width limited by junction temperature, 10s pulse, duty cycle = 1%.
10. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ = +25°C.
11. Short duration pulse test used to minimize self-heating effect.
12. Guaranteed by design. Not subject to product testing.
NOT RECOMMENDED FOR NEW DESIGN
USE DMP3007SPS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com