Electronic Components Datasheet Search
  English  ▼

X  

DMPH4015SSS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMPH4015SSS
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMPH4015SSS Datasheet(HTML) 3 Page - Diodes Incorporated

  DMPH4015SSS Datasheet HTML 1Page - Diodes Incorporated DMPH4015SSS Datasheet HTML 2Page - Diodes Incorporated DMPH4015SSS Datasheet HTML 3Page - Diodes Incorporated DMPH4015SSS Datasheet HTML 4Page - Diodes Incorporated DMPH4015SSS Datasheet HTML 5Page - Diodes Incorporated DMPH4015SSS Datasheet HTML 6Page - Diodes Incorporated DMPH4015SSS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMPH4015SSS
Document number: DS38003 Rev. 2 - 2
3 of 7
www.diodes.com
January 2017
© Diodes Incorporated
DMPH4015SSS
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
0
0.5
1
1.5
2
2.5
3
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
V
GS = -2.3V
V
GS = -2.5V
V
GS = -2.6V
V
GS = -2.8V
V
GS = -3.0V
V
GS = -4.0V
V
GS = -4.5V
V
GS = -6.0V
V
GS = -8.0V
V
GS = -10.0V
0
5
10
15
20
0
1
2
3
4
5
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
V
DS= -5.0V
T
J= -55℃
T
J= 25℃
T
J= 85℃
T
J= 125℃
T
J= 150℃
T
J= 175℃
3.00
6.00
9.00
12.00
15.00
0
10
20
30
40
50
60
I
D, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs. Drain Current and
Gate Voltage
V
GS = -10V
V
GS = -4.5V
0
5
10
15
20
25
30
35
40
45
50
2
4
6
8
10
12
14
16
18
20
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
I
D = -9.8A
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
0
5
10
15
20
25
30
I
D, DRAIN CURRENT (A)
Figure 5. Typical On-Resistance vs. Drain Current and
Temperature
V
GS= -10V
T
J= -55℃
T
J= 25℃
T
J= 85℃
T
J= 125℃
T
J= 150℃
T
J= 175℃
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
-50
-25
0
25
50
75
100 125 150 175
T
J, JUNCTION TEMPERATURE (℃)
Figure 6. On-Resistance Variation with Temperature
V
GS = -10V, ID = -9.8A
V
GS = -4.5V, ID = -9.8A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com