Electronic Components Datasheet Search
  English  ▼

X  

ZC16PD-24 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZC16PD-24
Description  Power Splitter/Combiner
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZC16PD-24 Datasheet(HTML) 1 Page - Mini-Circuits

  ZC16PD-24 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Maximum Ratings
Coaxial Connections
SUM PORT
S
PORT 1,2,3,.....,16
1,2,3,.....,16
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
10W max.
Internal Dissipation
2.4W max.
Outline Dimensions (
)
inch
mm
ZC16PD-24+
electrical schematic
16 Way-0°
50Ω
650 to 2450 MHz
Power Splitter/Combiner
REV. F
M157490
ZC16PD-24+
HY/TD/CP/AM
160802
Coaxial
A
B
C
D
EG
H
8.50
4.00
.50
.170 8.330
.201
4.25
215.90 101.60 12.70
4.32 211.58
5.11 107.95
J
K
M
N
P
wt
.19
.500 3.830
.150 8.350
grams
4.83 12.70 97.28
3.81 212.09
450
CASE STYLE: UU640
Connectors Model
SMA
ZC16PD-24-S+
Features
• wideband, 650 to 2450 MHz
• low insertion loss, 0.8 dB typ.
• good isolation, 25 dB typ.
• excellent output VSWR, 1.1:1 typ.
• up to 10W power input as splitter
Applications
• UHF
• cellular
• GPS
• communication systems
• PCS/DCS
• L-Band
Typical Performance Data
12.0
12.4
12.8
13.2
13.6
14.0
650
950
1250
1550
1850
2150
2450
FREQUENCY (MHz)
ZC16PD-24+
TOTAL LOSS
10
20
30
40
50
60
650
950
1250
1550
1850
2150
2450
FREQUENCY (MHz)
ZC16PD-24+
ISOLATION
1-2(dB)
1-9(dB)
1.0
1.1
1.2
1.3
1.4
1.5
650
950
1250
1550
1850
2150
2450
FREQUENCY (MHz)
ZC16PD-24+
VSWR
#S-VSWR
#1-VSWR
Freq.
(MHz)
Total Loss1
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbalance
(deg.)
VSWR
S
VSWR
1
S-1
Adjacent
Opposite
Outline Drawing
625.00
12.96
0.22
19.28
29.26
1.87
1.55
1.11
700.00
12.85
0.23
24.95
30.71
1.95
1.33
1.13
750.00
12.97
0.27
26.80
32.11
1.96
1.43
1.16
825.00
13.00
0.29
27.25
37.16
2.47
1.37
1.20
900.00
12.90
0.30
30.82
39.51
2.59
1.13
1.19
1050.00
12.94
0.32
42.35
34.18
2.10
1.03
1.18
1200.00
12.99
0.25
29.56
33.55
2.88
1.24
1.14
1350.00
13.11
0.24
27.88
30.62
3.24
1.28
1.08
1500.00
13.21
0.25
27.34
32.34
3.95
1.22
1.12
1650.00
13.25
0.28
26.43
41.17
4.09
1.09
1.14
1800.00
13.31
0.30
24.83
52.40
4.29
1.15
1.17
2025.00
13.47
0.26
32.02
40.01
4.51
1.30
1.12
2175.00
13.43
0.32
34.54
33.40
5.20
1.16
1.12
2350.00
13.52
0.38
30.51
41.58
5.27
1.08
1.14
2450.00
13.65
0.42
24.81
36.25
5.66
1.15
1.21
Permanent damage may occur if any of these limits are exceeded.
1. Total Loss = Insertion Loss +12dB splitter loss.
HT-Series
Tight Spot
SMA Wrench
From $24.95
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Electrical Specifications at 25°C
Parameter
Frequency (MHz)
Min.
Typ.
Max.
Unit
Frequency Range
650
2450
MHz
Insertion Loss Above 12 dB
650 - 2450
—
0.8
2.25
dB
Isolation
650 - 2450
15
20
—
dB
Phase Unbalance
650 - 2450
—
4
14
Degree
Amplitude Unbalance
650 - 2450
—
0.4
0.9
dB
VSWR (Port S)
650 - 950
—
1.3
1.9
:1
VSWR (Port 1-2)
650 - 2450
—
1.15
1.5
:1


Similar Part No. - ZC16PD-24

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZC16PD-2185 MINI-ZC16PD-2185 Datasheet
258Kb / 1P
Power Splitter/Combiner
ZC16PD-2185+ MINI-ZC16PD-2185+ Datasheet
258Kb / 1P
Power Splitter/Combiner
ZC16PD-2185-S+ MINI-ZC16PD-2185-S+ Datasheet
258Kb / 1P
Power Splitter/Combiner
ZC16PD-23 MINI-ZC16PD-23 Datasheet
294Kb / 1P
Power Splitter/Combiner
ZC16PD-23-S MINI-ZC16PD-23-S Datasheet
294Kb / 1P
Power Splitter/Combiner
More results

Similar Description - ZC16PD-24

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCN-3-13 MINI-SCN-3-13 Datasheet
143Kb / 1P
Power Splitter/Combiner
SYPS-3-12W MINI-SYPS-3-12W Datasheet
177Kb / 1P
Power Splitter/Combiner
ZSC-3-1 MINI-ZSC-3-1 Datasheet
153Kb / 1P
Power Splitter/Combiner
ZFSC-2-1 MINI-ZFSC-2-1 Datasheet
166Kb / 1P
Power Splitter/Combiner
ZAPD-4 MINI-ZAPD-4 Datasheet
144Kb / 1P
Power Splitter/Combiner
ZAPD-2DC+ MINI-ZAPD-2DC+ Datasheet
225Kb / 1P
Power Splitter/Combiner
ZC2PD-5R263 MINI-ZC2PD-5R263 Datasheet
258Kb / 2P
Power Splitter/Combiner
ZC4PD-06263-S MINI-ZC4PD-06263-S Datasheet
304Kb / 2P
Power Splitter/Combiner
ZC16PD-2185 MINI-ZC16PD-2185 Datasheet
258Kb / 1P
Power Splitter/Combiner
ZSC-2-1 MINI-ZSC-2-1 Datasheet
158Kb / 1P
Power Splitter/Combiner
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com