Electronic Components Datasheet Search
  English  ▼

X  

ZCSC-8-13 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZCSC-8-13
Description  Power Splitter/Combiner
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZCSC-8-13 Datasheet(HTML) 1 Page - Mini-Circuits

  ZCSC-8-13 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
A
B
C
D
E
F
4.00
1.25
.38
.125 3.875
.500
101.60
31.75
9.65
3.18
98.43
12.70
G
H
J
K
M
wt
--
2.00
.19
.500 1.125 grams
--
50.80
4.83
12.70
28.58
77
Typical Performance Data
Electrical Specifications
Maximum Ratings
Coaxial Connections
SUM PORT
S
PORT 1,2,3,4,5,6,7,8
1,2,3,4,5,6,7,8
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
0.5W max.
Internal Dissipation
0.875W max.
Outline Drawing
Outline Dimensions (
)
inch
mm
ZCSC-8-13+
8 Way-0°
50Ω
5 to 1000 MHz
Power Splitter/Combiner
REV. B
M151107
ED-12783/1
ZCSC-8-13+
HY/IZ/CP/AM
151016
Coaxial
CASE STYLE: UU215
Connectors Model
SMA
ZCSC-8-13-S+
ZCSC-8-13+
TOTAL LOSS
8
9
10
11
12
0
200
400
600
800
1000
FREQUENCY (MHz)
S-1 (dB)
S-8 (dB)
ZCSC-8-13+
ISOLATION
15
25
35
45
55
0
200
400
600
800
1000
FREQUENCY (MHz)
1-2 (dB)
2-3 (dB)
1-8 (dB)
at RF level of -10 dBm
ZCSC-8-13+
VSWR
1.00
1.10
1.20
1.30
1.40
1.50
0
200
400
600
800
1000
FREQUENCY (MHz)
#S-VSWR
#1-VSWR
#8-VSWR
at RF level of -10 dBm
electrical schematic
Features
• wide band frequency, 5 to 1000 MHz
• excellent input matching, VSWR 1.35 typ.
• excellent output matching, VSWR 1.25 typ.
Applications
• CATV
• VHF/UHF
Permanent damage may occur if any of these limits are exceeded.
1. Total Loss = Insertion Loss + 9dB splitter loss.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
HT-Series
Tight Spot
SMA Wrench
FREQ.
RANGE
(MHz)
ISOLATION
(dB)
INSERTION LOSS (dB)
ABOVE 9.0 dB
PHASE
UNBALANCE
(Degrees)
AMPLITUDE
UNBALANCE
(dB)
VSWR
(:1)
f
L-fU
Typ. Min.
Typ.
Max.
Max.
Max.
S
OUT
Typ.
Typ.
5-50
34
20
0.5
1.5
5
1.0
1.05
1.35
50-500
22
18
1.2
2.2
10
0.7
1.05
1.20
500-1000
20
16
1.8
3.0
15
1.3
1.20
1.15
Freq.
(MHz)
Total Loss1
(dB)
Amp.
Unbal.
(dB)
Isolation
(dB)
Phase
Unbal.
(deg.)
VSWR
S
VSWR
1
VSWR
8
S-1
S-2
S-3
S-4 S-6 S-8
1-2
1-8
2-3
4-5
5.00
9.76
9.60
9.62
9.46
9.46
9.32
0.44
47.36 43.32 49.01
43.33
0.96
1.06
1.37
1.30
10.00
9.79
9.62
9.64
9.49
9.46
9.35
0.44
39.19
45.59
47.12
45.66
0.75
1.05
1.36
1.27
20.00
9.79
9.61
9.63
9.49
9.46
9.34
0.44
39.09 46.15
45.92
45.94
0.34
1.04
1.34
1.26
30.00
9.80
9.63
9.64
9.50
9.47
9.35
0.45
37.15
45.88 44.67
45.55
0.22
1.05
1.34
1.25
50.00
9.84
9.66
9.68
9.54
9.51
9.39
0.45
34.00 45.61 42.19
45.52
0.25
1.05
1.33
1.25
70.00
9.87
9.70
9.71
9.56
9.54
9.42
0.45
31.62 45.27 40.07
45.47
0.26
1.06
1.32
1.24
100.00
9.90
9.73
9.74
9.60
9.58
9.45
0.46
29.10
45.04
37.68
44.94
0.33
1.06
1.31
1.24
200.00
10.00
9.83
9.85
9.71
9.69
9.56
0.44
24.39 44.37 32.71
44.87
0.54
1.09
1.26
1.20
300.00
10.08
9.91
9.93
9.80
9.79
9.66
0.42
22.14
43.62 29.91
44.19
0.79
1.12
1.19
1.16
400.00
10.17 10.00 10.03
9.90
9.91
9.77
0.40
21.01 42.58
27.96 43.32
1.00
1.15
1.13
1.11
500.00
10.27 10.11 10.14 10.02 10.05
9.90
0.37
20.74
41.10
26.57
41.28
1.21
1.18
1.08
1.09
600.00
10.39 10.23 10.27 10.16 10.22 10.06
0.33
21.07 39.31 25.61
39.25
1.43
1.20
1.07
1.10
700.00
10.51 10.36 10.40 10.31 10.41 10.23
0.31
21.66
37.56 25.10
37.09
1.65
1.19
1.09
1.13
800.00
10.65 10.50 10.56 10.48 10.62 10.41
0.32
21.58 35.88 24.98 35.53
1.90
1.14
1.10
1.14
900.00
10.83 10.68 10.76 10.69 10.87 10.64
0.32
20.32 34.32 25.24
34.24
2.21
1.14
1.09
1.12
1000.00
11.07 10.93 11.02 10.96 11.18 10.93
0.32
18.69 33.13
25.72
33.48
2.52
1.26
1.09
1.12


Similar Part No. - ZCSC-8-13

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZCSC-8-1 MINI-ZCSC-8-1 Datasheet
85Kb / 2P
POWER SPLITTERS/COMBINERS
ZCSC-8-152 MINI-ZCSC-8-152 Datasheet
310Kb / 1P
Power Splitter/Combiner
ZCSC-8-152+ MINI-ZCSC-8-152+ Datasheet
310Kb / 1P
Power Splitter/Combiner
ZCSC-8-152-S+ MINI-ZCSC-8-152-S+ Datasheet
310Kb / 1P
Power Splitter/Combiner
ZCSC-8-1L MINI-ZCSC-8-1L Datasheet
85Kb / 2P
POWER SPLITTERS/COMBINERS
More results

Similar Description - ZCSC-8-13

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCN-3-13 MINI-SCN-3-13 Datasheet
143Kb / 1P
Power Splitter/Combiner
SYPS-3-12W MINI-SYPS-3-12W Datasheet
177Kb / 1P
Power Splitter/Combiner
ZSC-3-1 MINI-ZSC-3-1 Datasheet
153Kb / 1P
Power Splitter/Combiner
ZFSC-2-1 MINI-ZFSC-2-1 Datasheet
166Kb / 1P
Power Splitter/Combiner
ZAPD-4 MINI-ZAPD-4 Datasheet
144Kb / 1P
Power Splitter/Combiner
ZAPD-2DC+ MINI-ZAPD-2DC+ Datasheet
225Kb / 1P
Power Splitter/Combiner
ZC2PD-5R263 MINI-ZC2PD-5R263 Datasheet
258Kb / 2P
Power Splitter/Combiner
ZC4PD-06263-S MINI-ZC4PD-06263-S Datasheet
304Kb / 2P
Power Splitter/Combiner
ZC16PD-2185 MINI-ZC16PD-2185 Datasheet
258Kb / 1P
Power Splitter/Combiner
ZSC-2-1 MINI-ZSC-2-1 Datasheet
158Kb / 1P
Power Splitter/Combiner
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com