Electronic Components Datasheet Search
  English  ▼

X  

ZFAT-124 Datasheet(PDF) 2 Page - Mini-Circuits

Part # ZFAT-124
Description  Digital Step Attenuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZFAT-124 Datasheet(HTML) 2 Page - Mini-Circuits

  ZFAT-124 Datasheet HTML 1Page - Mini-Circuits ZFAT-124 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Connectors
Model
SMA
ZFAT-124
BRACKET (OPTION “B”)
ZFAT-124
THRU LOSS
2.0
2.2
2.4
2.6
2.8
3.0
10
208
406
604
802
1000
FREQUENCY (MHz)
ZFAT-124
VSWR IN/OUT
1.0
1.1
1.2
1.3
1.4
1.5
1.6
10
208
406
604
802
1000
FREQUENCY (MHz)
INPUT
OUTPUT
ZFAT-124
STEP #1/#2/#3
0.0
1.0
2.0
3.0
4.0
5.0
10
208
406
604
802
1000
FREQUENCY (MHz)
STEP#1
STEP#2
STEP#3
ZFAT-124
FREQ.
000
001
010
011
100
101
110
111
THRU LOSS
1
2
3
4
5
6
7
(MHz)
(dB)
(dB)
(dB)
(dB)
(dB)
(dB)
(dB)
(dB)
10.00
2.80
1.01
1.99
3.01
4.02
5.03
6.03
7.03
49.60
2.52
1.02
2.02
3.05
4.05
5.06
6.05
7.09
148.60
2.46
0.99
2.01
3.02
4.03
5.03
6.02
7.07
208.00
2.48
1.01
1.99
3.00
4.05
5.07
6.02
7.05
247.60
2.55
1.01
2.01
3.03
4.05
5.06
6.02
7.02
346.60
2.57
1.04
2.04
3.03
4.04
5.07
6.08
7.06
406.00
2.62
1.02
2.02
3.03
4.05
5.06
6.04
7.05
445.60
2.67
1.04
2.05
3.09
4.06
5.11
6.06
7.09
544.60
2.72
1.08
2.04
3.11
4.08
5.14
6.06
7.13
604.00
2.71
1.06
2.07
3.11
4.09
5.14
6.11
7.15
703.00
2.81
1.08
2.07
3.11
4.10
5.17
6.09
7.16
762.40
2.78
1.09
2.07
3.17
4.07
5.20
6.10
7.21
821.80
2.80
1.12
2.10
3.20
4.14
5.25
6.17
7.27
881.20
2.81
1.12
2.10
3.19
4.14
5.23
6.22
7.30
940.60
2.82
1.12
2.14
3.20
4.17
5.31
6.22
7.35
1000.00
2.81
1.14
2.14
3.28
4.19
5.37
6.28
7.42
Step Attenuation* at TTL Control State
FREQ.
001
010
011
100
101
110
111
(MHz)
10.00
1.25
1.26
1.22
1.27
1.23
1.24
1.20
49.60
1.10
1.10
1.09
1.10
1.09
1.09
1.08
148.60
1.14
1.12
1.12
1.13
1.12
1.11
1.11
208.00
1.17
1.15
1.15
1.16
1.16
1.14
1.14
247.60
1.19
1.17
1.17
1.17
1.18
1.16
1.16
346.60
1.24
1.21
1.22
1.22
1.23
1.20
1.22
406.00
1.27
1.24
1.25
1.24
1.26
1.22
1.24
445.60
1.29
1.25
1.27
1.26
1.27
1.24
1.26
544.60
1.32
1.28
1.30
1.29
1.31
1.27
1.30
604.00
1.33
1.29
1.31
1.31
1.33
1.29
1.32
703.00
1.32
1.28
1.32
1.31
1.33
1.29
1.34
762.40
1.31
1.28
1.32
1.31
1.34
1.29
1.34
821.80
1.30
1.26
1.31
1.30
1.33
1.29
1.35
881.20
1.28
1.25
1.31
1.29
1.33
1.29
1.35
940.60
1.26
1.23
1.30
1.27
1.32
1.27
1.34
1000.00
1.24
1.21
1.29
1.25
1.31
1.26
1.34
INPUT VSWR
OUTPUT VSWR
FREQ.
001
010
011
100
101
110
111
(MHz)
10.00
1.30
1.27
1.25
1.16
1.16
1.15
1.15
49.60
1.12
1.10
1.10
1.07
1.07
1.07
1.06
148.60
1.16
1.13
1.14
1.09
1.10
1.09
1.09
208.00
1.19
1.16
1.16
1.11
1.11
1.09
1.10
247.60
1.20
1.18
1.18
1.13
1.13
1.11
1.12
346.60
1.27
1.23
1.23
1.16
1.17
1.16
1.15
406.00
1.31
1.25
1.26
1.18
1.19
1.17
1.19
445.60
1.31
1.27
1.28
1.19
1.20
1.18
1.18
544.60
1.36
1.30
1.30
1.21
1.22
1.21
1.21
604.00
1.37
1.31
1.31
1.21
1.22
1.21
1.23
703.00
1.36
1.32
1.33
1.22
1.23
1.24
1.23
762.40
1.34
1.30
1.32
1.23
1.24
1.25
1.25
821.80
1.35
1.30
1.31
1.22
1.24
1.25
1.24
881.20
1.32
1.29
1.28
1.22
1.22
1.23
1.25
940.60
1.30
1.27
1.29
1.23
1.23
1.25
1.25
1000.00
1.27
1.26
1.27
1.23
1.23
1.27
1.24
* Step attenuation above thru-loss (TTL logic 000)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com