Electronic Components Datasheet Search
  English  ▼

X  

DKXX-MJS Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DKXX-MJS
Description  Multi DomiLED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DKXX-MJS Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DKXX-MJS Datasheet HTML 1Page - DOMINANT Semiconductors DKXX-MJS Datasheet HTML 2Page - DOMINANT Semiconductors DKXX-MJS Datasheet HTML 3Page - DOMINANT Semiconductors DKXX-MJS Datasheet HTML 4Page - DOMINANT Semiconductors DKXX-MJS Datasheet HTML 5Page - DOMINANT Semiconductors DKXX-MJS Datasheet HTML 6Page - DOMINANT Semiconductors DKXX-MJS Datasheet HTML 7Page - DOMINANT Semiconductors DKXX-MJS Datasheet HTML 8Page - DOMINANT Semiconductors DKXX-MJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
19/04/2017 V1.0
4
DKxx-MJS
DOMINANT
Opto Technologies
Innovating Illumination
TM
Forward Voltage V
F (V)
Forward Current I
F (mA)
Relative Luminous Intensity Vs Forward Current
I
V/IV(20mA) = f(IF); Tj = 25°C (AlInGaP)
Temperature T(°C)
Maximum Current Vs Temperature
I
F=f(T)
Relative Spectral Emission
I
rel = f(λ); Tj = 25°C; IF = AlInGaP 20mA; InGaN 20mA
Wavelength λ (nm)
Forward Voltage V
F (V)
Forward Current I
F (mA)
Relative Luminous Intensity Vs Forward Current
I
V/IV(20mA) = f(IF); Tj = 25°C (InGaN)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
5
10
15
20
25
30
0
5
10
15
20
25
30
1.7
1.8
1.9
2.0
2.1
2.2
2.3
Forward Current IF (mA)
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C (AlInGaP)
Forward Voltage VF (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350 400 450 500 550 600 650 700 750 800 850
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
0
5
10
15
20
25
30
35
0
10 20 30 40 50 60 70 80 90 100 110
AllnGaP
Relative Luminous Intensity Vs Forward Current
IV/IV(20mA) = f(IF); Tj = 25°C (AlInGaP)
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = AllnGaP 20mA; InGaN 20mA
AllnGaP
InGaN
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
5
10
15
20
25
30
0
5
10
15
20
25
30
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Forward Current IF (mA)
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C (InGaN)
Forward Voltage VF (V)
Relative Luminous Intensity Vs Forward Current
IV/IV(20mA) = f(IF); Tj = 25°C (InGaN)
InGaN
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
5
10
15
20
25
30
0
5
10
15
20
25
30
1.7
1.8
1.9
2.0
2.1
2.2
2.3
Forward Current IF (mA)
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C (AlInGaP)
Forward Voltage VF (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350 400 450 500 550 600 650 700 750 800 850
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
0
5
10
15
20
25
30
35
0
10 20 30 40 50 60 70 80 90 100 110
AllnGaP
Relative Luminous Intensity Vs Forward Current
IV/IV(20mA) = f(IF); Tj = 25°C (AlInGaP)
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = AllnGaP 20mA; InGaN 20mA
AllnGaP
InGaN
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
5
10
15
20
25
30
0
5
10
15
20
25
30
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Forward Current IF (mA)
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C (InGaN)
Forward Voltage VF (V)
Relative Luminous Intensity Vs Forward Current
IV/IV(20mA) = f(IF); Tj = 25°C (InGaN)
InGaN
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
5
10
15
20
25
30
0
5
10
15
20
25
30
1.7
1.8
1.9
2.0
2.1
2.2
2.3
Forward Current IF (mA)
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C (AlInGaP)
Forward Voltage VF (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350 400 450 500 550 600 650 700 750 800 850
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
0
5
10
15
20
25
30
35
0
10 20 30 40 50 60 70 80 90 100 110
AllnGaP
Relative Luminous Intensity Vs Forward Current
IV/IV(20mA) = f(IF); Tj = 25°C (AlInGaP)
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = AllnGaP 20mA; InGaN 20mA
AllnGaP
InGaN
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
5
10
15
20
25
30
0
5
10
15
20
25
30
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Forward Current IF (mA)
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C (InGaN)
Forward Voltage VF (V)
Relative Luminous Intensity Vs Forward Current
IV/IV(20mA) = f(IF); Tj = 25°C (InGaN)
InGaN
Forward Current Vs Forward Voltage
I
F = f(VF); Tj = 25°C (AlInGaP)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
5
10
15
20
25
30
0
5
10
15
20
25
30
1.7
1.8
1.9
2.0
2.1
2.2
2.3
Forward Current IF (mA)
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C (AlInGaP)
Forward Voltage VF (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350 400 450 500 550 600 650 700 750 800 850
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
0
5
10
15
20
25
30
35
0
10 20 30 40 50 60 70 80 90 100 110
AllnGaP
Relative Luminous Intensity Vs Forward Current
IV/IV(20mA) = f(IF); Tj = 25°C (AlInGaP)
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = AllnGaP 20mA; InGaN 20mA
AllnGaP
InGaN
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
5
10
15
20
25
30
0
5
10
15
20
25
30
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Forward Current IF (mA)
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C (InGaN)
Forward Voltage VF (V)
Relative Luminous Intensity Vs Forward Current
IV/IV(20mA) = f(IF); Tj = 25°C (InGaN)
InGaN
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
5
10
15
20
25
30
0
5
10
15
20
25
30
1.7
1.8
1.9
2.0
2.1
2.2
2.3
Forward Current IF (mA)
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C (AlInGaP)
Forward Voltage VF (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350 400 450 500 550 600 650 700 750 800 850
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
0
5
10
15
20
25
30
35
0
10 20 30 40 50 60 70 80 90 100 110
AllnGaP
Relative Luminous Intensity Vs Forward Current
IV/IV(20mA) = f(IF); Tj = 25°C (AlInGaP)
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = AllnGaP 20mA; InGaN 20mA
AllnGaP
InGaN
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
5
10
15
20
25
30
0
5
10
15
20
25
30
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Forward Current IF (mA)
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C (InGaN)
Forward Voltage VF (V)
Relative Luminous Intensity Vs Forward Current
IV/IV(20mA) = f(IF); Tj = 25°C (InGaN)
InGaN
Forward Current Vs Forward Voltage
I
F = f(VF); Tj = 25°C (InGaN)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
5
10
15
20
25
30
0
5
10
15
20
25
30
1.7
1.8
1.9
2.0
2.1
2.2
2.3
Forward Current IF (mA)
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C (AlInGaP)
Forward Voltage VF (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350 400 450 500 550 600 650 700 750 800 850
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
0
5
10
15
20
25
30
35
0
10 20 30 40 50 60 70 80 90 100 110
AllnGaP
Relative Luminous Intensity Vs Forward Current
IV/IV(20mA) = f(IF); Tj = 25°C (AlInGaP)
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = AllnGaP 20mA; InGaN 20mA
AllnGaP
InGaN
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
5
10
15
20
25
30
0
5
10
15
20
25
30
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Forward Current IF (mA)
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C (InGaN)
Forward Voltage VF (V)
Relative Luminous Intensity Vs Forward Current
IV/IV(20mA) = f(IF); Tj = 25°C (InGaN)
InGaN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com