Electronic Components Datasheet Search
  English  ▼

X  

RM25 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RM25
Description  Avalanche Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RM25 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RM25 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RM 25, 26
Avalanche Diodes
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IZSM
(A)
VZ
(V)
VR =VRM
IZ =1mA
IZ=1mA
IZ=1mA
IZ =0.5
to 1.5A
RZ
(
Ω)
VR =VRM
IR
(
µA)
IR (H)
(
µA)
J
(V/
°C)
Z
(%/
°C)
Tj
(
°C)
Tstg
(
°C)
Electrical Characteristics (Ta =25
°C)
(g)
Mass
Others
RM 25
50
40
3.0 (10ms)
1.0 (100
µs)
0.1 (100
µs)
50 to 61.5
60 to 70
135 to 180
250 to 400
400 to 450
5.0
10
20
(Ta =80
°C)
50
(Ta =100
°C)
50
(Ta =80
°C)
+0.15 typ
–40 to +130
–40 to +150
–40 to +130
0.09 typ
5max
0.44
RM 26
130
R 2M
200
RY 23
400
RY 24
A
—
—
—
Pulse width t (
µs)
0
0
200
400
50
300
100
150
250
200
600
800
1000
T
80ºC
=
a
T
25ºC
=
a
I
Rating (Typical)
RSM
RY 23, 24
I
Rating (Typical)
ZSM
Pulse width t (ms)
05
0
20
25
2
1
4
3
6
5
10
15
30
T
80ºC
=
a
T
25ºC
=
a
4.0
±0.2
0.78
±0.05
Cathode Mark
112
Fig.
External Dimensions
(Unit: mm)
Flammability:
UL94V-0 or Equivalent
A
Fig.
Rectangular wave
single shot
Rectangular wave
single shot
Instantaneous


Similar Part No. - RM25

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RM25 SANKEN-RM25 Datasheet
12Kb / 1P
Avalanche Diodes
logo
List of Unclassifed Man...
RM25 ETC-RM25 Datasheet
589Kb / 11P
Thick Film Chip Resistors
RM25 ETC-RM25 Datasheet
1,011Kb / 13P
Thick Film Chip Resistors
logo
EIC discrete Semiconduc...
RM25 EIC-RM25 Datasheet
95Kb / 1P
AVALANCHE DIODE
Rev. 03:February 28, 2014
logo
Zibo Seno Electronic En...
RM25 ZSELEC-RM25 Datasheet
144Kb / 2P
0.5A SURFACE MOUNT HIGH VOLTAGE RECTIFIER
More results

Similar Description - RM25

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PP6KE6.8 LITTELFUSE-PP6KE6.8 Datasheet
406Kb / 5P
Silicon Avalanche Diodes - Silicon Avalanche Diodes
logo
Shenzhen Luguang Electr...
R2G LUGUANG-R2G Datasheet
134Kb / 2P
Avalanche Diodes
R2K LUGUANG-R2K Datasheet
266Kb / 2P
Avalanche Diodes
R2KS LUGUANG-R2KS Datasheet
93Kb / 2P
Avalanche Diodes
R2KY LUGUANG-R2KY Datasheet
323Kb / 2P
Avalanche Diodes
R2G LUGUANG-R2G Datasheet
140Kb / 2P
Avalanche Diodes
R2K LUGUANG-R2K Datasheet
266Kb / 2P
Avalanche Diodes
R2KN LUGUANG-R2KN Datasheet
289Kb / 2P
Avalanche Diodes
R2KS LUGUANG-R2KS Datasheet
93Kb / 2P
Avalanche Diodes
R2KY LUGUANG-R2KY Datasheet
323Kb / 2P
Avalanche Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com