Electronic Components Datasheet Search
  English  ▼

X  

S6992 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # S6992
Description  TOSHIBA Thyristor Silicon Planar Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

S6992 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  S6992 Datasheet HTML 1Page - Toshiba Semiconductor S6992 Datasheet HTML 2Page - Toshiba Semiconductor S6992 Datasheet HTML 3Page - Toshiba Semiconductor S6992 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S6992
2002-01-23
2
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Repetitive peak OFF-state current
IDRM
VDRM = rated
¾
¾
10
mA
Peak ON-state voltage
VTM
ITM = 25 A
¾
¾
1.5
V
Gate trigger voltage
VGT
¾
¾
1.0
V
Gate trigger current
IGT
VD = 6 V, RL = 10 W
¾
¾
20
mA
Gate non-trigger voltage
VGD
VD = rated, Tc = 125°C
0.2
¾
¾
V
Critical rate of rise of OFF-state voltage
dv/dt
VDRM = rated, Tc = 125°C
Exponential rise
¾
50
¾
V/
ms
Holding current
IH
VD = 6 V, ITM = 1 A
¾
¾
40
mA
Thermal resistance
Rth (j-a)
Junction to ambient
¾
¾
70
°C/W
0.5 IP
tw = 2 ms
t
IP
0.5 IP
di/dt
=
t
tw ~- p LC , IP ~-
L/C
VD
Test Circuit Examples
R
L



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com