Electronic Components Datasheet Search
  English  ▼

X  

PE3C3232-24 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3C3232-24
Description  N Female Bulkhead to N Female Bulkhead Low Loss Test Cable 24 Inch Length Using PE-P300LL Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3232-24 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C3232-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3232-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3232-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3232-24 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Environmental Specifications
Temperature
Operating Range
-55 to +125 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
How to Order
Part Number Configuration:
PE3C3232
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3C3232-12 = 12 inches long cable
PE3C3232-100cm = 100 cm long cable
N Female Bulkhead to N Female Bulkhead Low Loss Test Cable 24 Inch Length Using PE-P300LL Coax, RoHS from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Bulkhead to N Female Bulkhead Low Loss Test Cable 24 Inch Length Using PE-
P300LL Coax, RoHS PE3C3232-24
URL: https://www.pasternack.com/n-female-n-female-pe-p300ll-cable-assembly-pe3c3232-24-p.aspx
PE3C3232-24 REV 1.0
RF Cable Assemblies Technical Data Sheet
N Female Bulkhead to N Female Bulkhead Low Loss Test
Cable 24 Inch Length Using PE-P300LL Coax, RoHS
PE3C3232-24



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com