Electronic Components Datasheet Search
  English  ▼

X  

SC6579S Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC6579S
Description  RADIO DATA SYSTEM (RDS) DEMODULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC6579S Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

  SC6579S Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC6579S Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC6579S Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC6579S Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC6579S Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC6579S Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC6579S Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC6579S Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC6579S Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Silan
Semiconductors
SC6579
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2001.12.30
6
Filter part
The MUX signal is band-limited by a second-order anti-aliasing-filter and fed through a 57 kHz band-pass filter (8th
order band-pass filter with 3 kHz bandwidth) to separate the RDS signals. This filter uses switched capacitor
technique and is clocked by a clock frequency of 541.5 kHz derived from the 4.332/8.664 MHz crystal oscillator.
Then the signal is fed to the reconstruction filter to smooth the sampled and filtered RDS signal before it is output on
pin 8. The signal is AC-coupled to the comparator (pin 7). The comparator is clocked with a frequency of 228 kHz
(synchronized by the 57 kHz of the demodulator).
Digital part
The synchronous demodulator (Costa’s loop circuit) with carrier regeneration demodulates the internal coupled,
digitized signal. The suppressed carrier is recovered from the two sidebands (Costa’s loop). The demodulated signal
is low-pass-filtered in such a way that the overall pulse shape (transmitter and receiver) approaches a cosinusoidal
form in conjunction with the following Integrate and dump circuit.
The data-spectrum shaping is split into two equal parts and handled in the transmitter and in the receiver. Ideally,
the data filtering should be equal in both of these parts. The overall data-channel-spectrum shaping of the
transmitter and the receiver is approximately 100% roll-off. The integrate and dump circuit performs an integration
over a clock period. This results in a demodulated and valid RDS signal in form of bi-phase symbols being output
from the integrate and dump circuit. The final stages of RDS data processing are the bi-phase symbol decoding and
the differential decoding. After synchronization by data clock RDCL (pin 16) data appears on the RDDA output (pin
2). The output of the bi-phase symbol decoder is evaluated by a special circuit to provide an indication of good data
(QUAL = HIGH) or corrupt data (QUAL = LOW).
Timing
Fixed and variable dividers are applied to the 4.332/8.664 MHz crystal oscillator to generate the 1.1875 kHz RDS
clock RDCL, which is synchronized by the incoming data. Which ever clock edge is considered (positive or negative
going edge) the data will remain valid for 399
µs after the clock transition. The timing of data change is 4 µs before a
clock change. Which clock transition (positive or negative going clock) the data change occurs in, depends on the
lock conditions and is arbitrary (bit slip).
During poor reception it is possible that faults in phase occur, then the clock signal stays uninterrupted, and data is
constant for 1.5 clock periods. Normally, faults in phase do not occur on a cyclic basis. If however, faults in phase
occur in this way, the minimum spacing between two possible faults in phase depends on the data being transmitted.
The minimum spacing cannot be less than 16 clock periods. The quality bit changes only at the time of a data
change.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com