Electronic Components Datasheet Search
  English  ▼

X  

DSZB-LSG Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DSZB-LSG
Description  Right Angle DomiLED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSZB-LSG Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DSZB-LSG Datasheet HTML 1Page - DOMINANT Semiconductors DSZB-LSG Datasheet HTML 2Page - DOMINANT Semiconductors DSZB-LSG Datasheet HTML 3Page - DOMINANT Semiconductors DSZB-LSG Datasheet HTML 4Page - DOMINANT Semiconductors DSZB-LSG Datasheet HTML 5Page - DOMINANT Semiconductors DSZB-LSG Datasheet HTML 6Page - DOMINANT Semiconductors DSZB-LSG Datasheet HTML 7Page - DOMINANT Semiconductors DSZB-LSG Datasheet HTML 8Page - DOMINANT Semiconductors DSZB-LSG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
27/04/2017 V4.0
3
InGaN : DSZB-LSG
Vr @ Ir = 10uA
DOMINANT
Opto Technologies
Innovating Illumination
TM
Color Grouping Appx. 2.1
Color Bin Structure
Bin
3J
3K
3L
4J
4K
4L
5J
5K
5L
6J
6K
6L
0.1862
0.2437
0.1774
0.2447
0.1716
0.2454
0.1902
0.2595
0.1814
0.2605
0.1756
0.2611
0.1941
0.2753
0.1853
0.2762
0.1795
0.2769
0.1980
0.2910
0.1893
0.2920
0.1830
0.2930
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
1
2
3
4
0.1881
0.2273
0.1823
0.2280
0.1735
0.2289
0.1921
0.2431
0.1862
0.2437
0.1775
0.2447
0.1960
0.2588
0.1902
0.2595
0.1814
0.2605
0.2000
0.2746
0.1941
0.2753
0.1853
0.2762
0.1823
0.2280
0.1735
0.2289
0.1676
0.2296
0.1862
0.2437
0.1775
0.2447
0.1716
0.2454
0.1902
0.2595
0.1814
0.2605
0.1756
0.2611
0.1941
0.2753
0.1853
0.2762
0.1795
0.2769
0.1921
0.2431
0.1862
0.2437
0.1774
0.2447
0.1960
0.2588
0.1902
0.2595
0.1814
0.2605
0.2000
0.2746
0.1941
0.2753
0.1853
0.2762
0.2039
0.2904
0.1980
0.2910
0.1893
0.2920
06/05/2013 V1.0
3
InGaN : DSZB-LSG
Vr @ Ir = 10uA
DOMINANT
Opto Technologies
Innovating Illumination
TM
3J
Cx
0 1862
0 1823
0 1881
0 1921
0 1862
0.20
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.16
0.18
0.20
0.22
White Color Coordinate
3J
4J
5J
6J
7J
8J
3K
4K
5K
6K
7K
8K
3L
4L
5L
6L
7L
8L
3J
Cx
0.1862
0.1823
0.1881
0.1921
0.1862
Cy
0.2437
0.2280
0.2273
0.2431
0.2437
3K
Cx
0.1774
0.1735
0.1823
0.1862
0.1774
Cy
0.2447
0.2289
0.2280
0.2437
0.2447
3L
Cx
0.1716
0.1676
0.1735
0.1774
0.1716
Cy
0.2454
0.2296
0.2289
0.2447
0.2454
4J
Cx
0.1902
0.1862
0.1921
0.1960
0.1902
Cy
0.2595
0.2437
0.2431
0.2588
0.2595
4K
Cx
0.1814
0.1775
0.1862
0.1902
0.1814
Cy
0.2605
0.2447
0.2437
0.2595
0.2605
4L
Cx
0.1756
0.1716
0.1775
0.1814
0.1756
Cy
0.2611
0.2454
0.2447
0.2605
0.2611
5J
Cx
0.1941
0.1902
0.1960
0.2000
0.1941
Cy
0.2753
0.2595
0.2588
0.2746
0.2753
5K
Cx
0.1853
0.1814
0.1902
0.1941
0.1853
Cy
0.2762
0.2605
0.2595
0.2753
0.2762
5L
Cx
0.1795
0.1756
0.1814
0.1853
0.1795
Cy
0.2769
0.2611
0.2605
0.2762
0.2769
6J
Cx
0.1980
0.1941
0.2000
0.2039
0.1980
Cy
0.2910
0.2753
0.2746
0.2904
0.2910
6K
Cx
0.1893
0.1853
0.1941
0.1980
0.1893
Cy
0.2920
0.2762
0.2753
0.2910
0.2920
6L
Cx
0.1830
0.1795
0.1853
0.1893
0.1830
Cy
0.2930
0.2769
0.2762
0.2920
0.2930
7J
Cx
0.2020
0.1980
0.2039
0.2078
0.2020
Cy
0.3070
0.2910
0.2904
0.3060
0.3070
7K
Cx
0.1930
0.1893
0.1980
0.2020
0.1930
Cy
0.3080
0.2920
0.2910
0.3070
0.3080
7L
Cx
0.1870
0.1830
0.1893
0.1930
0.1870
Cy
0.3080
0.2930
0.2920
0.3080
0.3080
8J
Cx
0.2059
0.2020
0.2078
0.2118
0.2059
Cy
0.3225
0.3068
0.3061
0.3219
0.3225
8K
Cx
0.1970
0.1930
0.2020
0.2060
0.1970
Cy
0.3240
0.3080
0.3070
0.3230
0.3240
8L
Cx
0.1910
0.1870
0.1930
0.1970
0.1910
Cy
0.3240
0.3080
0.3080
0.3240
0.3240
Color Grouping
Chromaticity coordinate groups are measured with an accuracy of ± 0.01.
Color Bin Structure
Bin
3J
3K
3L
4J
4K
4L
5J
5K
5L
6J
6K
6L
0.1862
0.2437
0.1774
0.2447
0.1716
0.2454
0.1902
0.2595
0.1814
0.2605
0.1756
0.2611
0.1941
0.2753
0.1853
0.2762
0.1795
0.2769
0.1980
0.2910
0.1893
0.2920
0.1830
0.2930
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
1
2
3
4
0.1881
0.2273
0.1823
0.2280
0.1735
0.2289
0.1921
0.2431
0.1862
0.2437
0.1775
0.2447
0.1960
0.2588
0.1902
0.2595
0.1814
0.2605
0.2000
0.2746
0.1941
0.2753
0.1853
0.2762
0.1823
0.2280
0.1735
0.2289
0.1676
0.2296
0.1862
0.2437
0.1775
0.2447
0.1716
0.2454
0.1902
0.2595
0.1814
0.2605
0.1756
0.2611
0.1941
0.2753
0.1853
0.2762
0.1795
0.2769
0.1921
0.2431
0.1862
0.2437
0.1774
0.2447
0.1960
0.2588
0.1902
0.2595
0.1814
0.2605
0.2000
0.2746
0.1941
0.2753
0.1853
0.2762
0.2039
0.2904
0.1980
0.2910
0.1893
0.2920



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com