Electronic Components Datasheet Search
  English  ▼

X  

SSx-NLD Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # SSx-NLD
Description  SpiceLED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SSx-NLD Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  SSx-NLD Datasheet HTML 1Page - DOMINANT Semiconductors SSx-NLD Datasheet HTML 2Page - DOMINANT Semiconductors SSx-NLD Datasheet HTML 3Page - DOMINANT Semiconductors SSx-NLD Datasheet HTML 4Page - DOMINANT Semiconductors SSx-NLD Datasheet HTML 5Page - DOMINANT Semiconductors SSx-NLD Datasheet HTML 6Page - DOMINANT Semiconductors SSx-NLD Datasheet HTML 7Page - DOMINANT Semiconductors SSx-NLD Datasheet HTML 8Page - DOMINANT Semiconductors SSx-NLD Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
SSS-NLD-ST1-1
SSR-NLD-S2T-1
SSA-NLD-TU1-1
SSO-NLD-TU1-1
SSY-NLD-TU1-1
Super Red, 632 nm
Red, 625 nm
Amber, 615nm
Orange, 605 nm
Yellow, 587 nm
160
160
160
160
160
180.00
224.00
285.00
285.00
285.00
AlInGaP S-Spice : SSx-NLD
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ 20mA IV (mcd) Appx. 1.1
Min.
Typ.
Max.
285.00
355.00
450.00
450.00
450.00
355.00
450.00
560.00
560.00
560.00
Optical Characteristics at Tj=25˚C
Typ. (V)
Vf @ If = 20mA Appx. 3.1
Electrical Characteristics at Tj=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
SSx-NLD
2.1
2.6
12
Min. (V)
1.8
DOMINANT
Opto Technologies
Innovating Illumination
TM
26/10/2016 V11.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com