Electronic Components Datasheet Search
  English  ▼

X  

BAT54CM Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAT54CM
Description  150mWatt, 30Volt Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT54CM Datasheet(HTML) 1 Page - Micro Commercial Components

  BAT54CM Datasheet HTML 1Page - Micro Commercial Components BAT54CM Datasheet HTML 2Page - Micro Commercial Components BAT54CM Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAT54
CM
150mWatt, 30Volt
Schottky Barrier Diode
SOT-
723
Features
Extremely Fast Switching Speed
Low Forward Voltage Drop
Marking:KL3
Maximum Ratings
Peak Repetitive Reverse Voltage
VR
30V
RMS Reverse Voltage
VR(RMS)
21V
IFRM
300mA
Non-Repetitive Peak Forward Current
@ t=8.3ms IFSM
600mA
Power Dissipation
PD
150mW
Storage Temperature Range
Tstg
-
55 C to 125 C
Junction Temperature
Tj
-
55 C to 150 C
Electrical Characteristics @ 25 C Unless Otherwise Specified
Ratings
Symbol
Max.
Notes
Forward Voltage
VF
240mV
320mV
400mV
500mV
1000mV
IF = 0.1mA
IF = 1mA
IF = 10mA
IF = 30mA
IF = 100mA
Reverse Current
IR
2 A
VR = 25V
Reverse Breakdown
Voltage
V(BR)
>30V
IR=100
µA
Total Capacitance
Ctot
10pF
Measured at
1.0MHz, VR=1.0V
Reverse Recovery
Time
trr
5nS
IF = IR = 10mA
IR(REC)=1.0mA
A
C B
D
G
J
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
1 of 3
Thermal Resistance Junction to Ambient
RqJA
667°C/W
Revision: A
2016/12/01
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)
•
Halogen free available upon request by adding suffix "-HF"
Average
Forward Current
IO
200mA
Repetitive Peak Forward Current @ t≤1s,δ≤0.5
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
. 04
5
.0
49
1.1
5
1.
25
C
. 0 30
.033
E
F
G
.000
.0
02
.0
00
.
050
H
J
.003
.00
6
.0
80
.1
50
B
. 04
5
.0
49
1.1
5
1.
25
0.75
0.85
0.
27
0.
37
.0
11
.0
15
0.
27
0.
17
0.5
0
0.4
3
.00
7
.0
11
.01
7
.02
0
D
.03
1TYP.
0.8
0TYP.
E
F
1
2
3
H
Micro Commercial Components
M C C
R


Similar Part No. - BAT54CM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT54CM PHILIPS-BAT54CM Datasheet
50Kb / 7P
Schottky barrier double diode
2003 Nov 11
BAT54CM NXP-BAT54CM Datasheet
195Kb / 7P
Schottky barrier double diode
2003 Nov 11
logo
Galaxy Semi-Conductor H...
BAT54CM BILIN-BAT54CM Datasheet
191Kb / 3P
Surface Mount Schottky Barrier diode
logo
Jiangsu Changjiang Elec...
BAT54CM JIANGSU-BAT54CM Datasheet
1Mb / 4P
SCHOTTKY BARRIER DIODE
logo
Nexperia B.V. All right...
BAT54CM NEXPERIA-BAT54CM Datasheet
356Kb / 8P
Schottky barrier double diode
2003 Nov 11
More results

Similar Description - BAT54CM

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS70T MCC-BAS70T Datasheet
604Kb / 3P
150mWatt, 70Volt Schottky Barrier Diode
BAT54T MCC-BAT54T Datasheet
283Kb / 3P
150mWatt, 30Volt Schottky Barrier Diode
BAT54TW MCC-BAT54TW Datasheet
236Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54WS MCC-BAT54WS Datasheet
193Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54AT-TP MCC-BAT54AT-TP Datasheet
308Kb / 3P
150mWatt, 30Volt 150mWatt, 30Volt
BAT54AWT-TP MCC-BAT54AWT-TP Datasheet
380Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54 MCC-BAT54_14 Datasheet
363Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54M MCC-BAT54M Datasheet
569Kb / 3P
150mWatt, 30Volt Schottky Barrier Diode
BAT54T MCC-BAT54T_13 Datasheet
308Kb / 3P
150mWatt, 30Volt Schottky Barrier Diode
BAT54WS MCC-BAT54WS_13 Datasheet
322Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com