Electronic Components Datasheet Search
  English  ▼

X  

BAT54WS Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAT54WS
Description  200mWatt, 30Volt Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT54WS Datasheet(HTML) 1 Page - Micro Commercial Components

  BAT54WS_13 Datasheet HTML 1Page - Micro Commercial Components BAT54WS_13 Datasheet HTML 2Page - Micro Commercial Components BAT54WS_13 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
•
 /0/1*pe
Maximum Ratings
//(.- '
--
1 5 6178°
5).8

9
9:
Thermal Resistance Junction to Ambient

R thja
500
°C/W
'1 /('
1  "88°8°
Electrical Characteristics @ 25
°C Unless Otherwise Specified
('
*) 
%
2
$,- '
7
7
7
7
7
-
#-
320mV
#-
8-
-

(./

2.0
µA
-78-
 

1
 $
/,
&<-7-
(.=3,
- '
->-
IR=100
µA
Reverse Recovery
Time
t rr

5.0ns
 
BAT54WS
200mWatt, 30Volt
Schottky Barrier Diode
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
A
B
E
C
J
D
H
G
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
SOD
-323
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
TM
Micro Commercial Components
1 of 3
•
Lead Free Finish/RoHS Compliant ("P" Suffix
designates RoHS Compliant. See ordering information)
•
Low Forward Voltage and Low Reverse Current
•
High Reliability
Revision: C
2013/01/05
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
200mA
Continuous Forward Current
IF
•
Halogen free available upon request by adding suffix "-HF"
Repetitive Peak Forward Current

IFRM
300mA
;/1 /
1
8°
IF=10mA,IR=10mA to
1mA, RL=100
¡
Non-Repetitive Peak Forward Current t<1s
IFSM
600m
A
•
Device Marking: L9/JV


Similar Part No. - BAT54WS_13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54WS-13-F DIODES-BAT54WS-13-F Datasheet
209Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
BAT54WS-13-F DIODES-BAT54WS-13-F Datasheet
358Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
More results

Similar Description - BAT54WS_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT54 MCC-BAT54_11 Datasheet
201Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54LP MCC-BAT54LP Datasheet
446Kb / 2P
200mWatt, 30Volt Schottky Barrier Diode
BAT54TW MCC-BAT54TW Datasheet
236Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54W MCC-BAT54W Datasheet
252Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54WS MCC-BAT54WS Datasheet
193Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54C-TP MCC-BAT54C-TP Datasheet
257Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54AWT-TP MCC-BAT54AWT-TP Datasheet
380Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54L2 MCC-BAT54L2 Datasheet
407Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54 MCC-BAT54_14 Datasheet
363Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54TW MCC-BAT54TW_13 Datasheet
267Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com