Electronic Components Datasheet Search
  English  ▼

X  

SD106WS Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SD106WS
Description  Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SD106WS Datasheet(HTML) 1 Page - Micro Commercial Components

  SD106WS Datasheet HTML 1Page - Micro Commercial Components SD106WS Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SD106WS
Schottky Diodes
Features
•
Low turn-on voltage
•
Fast switching
•
Microminiature plastic package
•
This device is protected by a PN junction guard ring against
excessive voltage, such as electrostatic discharge.
Maximum Ratings
•
Case: SOD-323 plastic case
•
Operating Temperature: -55
OC to +125OC
•
Storage Temperature: -55
OC to +150OC
•
Thermal Resistance; 400
OC/W Junction To Ambient
•
Marking Code: S21
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Continuous Reverse
Voltage
VR
30V
Forward Current
IF
200mA
Forward Surge
Current
IFSM
1.0A
tp=10ms
Minimum Reverse
Breakdown Voltage
VBR
30V
IR=100
μA
Maximum Leakage
Current
IR
5000nA
VR=30V
Typical Forward
Voltage
260mV
320mV
420mV
490mV
IF=2.0mA
IF=15mA
IF=100mA
IF=200mA
Maximum Junction
Capacitance
CTOT
15pF
Measured at
f=1.0MHz
VR=10V
Power Dissipation
PTOT
250mW
TC=25
OC
www.mccsemi.com
Maximum Forward
Voltage
VF
550mV
IF=200mA
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
1 of 2
•
Lead Free Finish/RoHS Compliant("P" Suffix
designates RoHS Compliant. See ordering information)
Revision:
A
2014/06/30
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
A
B
E
C
J
D
H
SOD
-323
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
G
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - SD106WS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SD106WS GE-SD106WS Datasheet
78Kb / 1P
SCHOTTKY DIODES
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
SD106WS BILIN-SD106WS Datasheet
278Kb / 3P
Silicon Epitaxial Planar Diode
logo
Guangdong Kexin Industr...
SD106WS KEXIN-SD106WS Datasheet
34Kb / 1P
SCHOTTKY DIODE
logo
Jinan Jingheng (Group) ...
SD106WS JINANJINGHENG-SD106WS Datasheet
92Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
More results

Similar Description - SD106WS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com