Electronic Components Datasheet Search
  English  ▼

X  

CP5.241 Datasheet(PDF) 21 Page - PULS GmbH

Part # CP5.241
Description  24V, 5A, 120W, SINGLE PHASE INPUT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP5.241 Datasheet(HTML) 21 Page - PULS GmbH

Back Button CP5.241 Datasheet HTML 17Page - PULS GmbH CP5.241 Datasheet HTML 18Page - PULS GmbH CP5.241 Datasheet HTML 19Page - PULS GmbH CP5.241 Datasheet HTML 20Page - PULS GmbH CP5.241 Datasheet HTML 21Page - PULS GmbH CP5.241 Datasheet HTML 22Page - PULS GmbH CP5.241 Datasheet HTML 23Page - PULS GmbH CP5.241 Datasheet HTML 24Page - PULS GmbH CP5.241 Datasheet HTML 25Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
CP5.241, CP5.241-C1, CP5.241-S1,
CP5.241-S2, CP5.242
CP-Series
24V, 5A, 120W, SINGLE PHASE INPUT
Feb. 2018 / Rev. 0.3 DS-CP5.241-EN
All parameters are typical values specified at 230Vac, 50Hz input voltage, 24V, 5A output load,
25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
P R E L I M I N A R Y
22. ACCESSORIES
22.1. YR2.DIODE - REDUNDANCY MODULE
The YR2.DIODE is equipped with two input channels, which are individually decoupled by
utilizing diodes. The YR2.DIODE does not require an additional auxiliary voltage and is self-
powered even in case of a short circuit across the output.
The unit is very slender and only requires 32mm width on the DIN-rail.
Further information and wiring configurations can be found in chapter 23.4.
22.2. YR20.242 - REDUNDANCY MODULE
The YR20.242 is equipped with two input channels, which are individually decoupled by
utilizing MOSFET technology. Using MOSFETSs instead of diodes reduces the heat generation
and the voltage drop between input and output. The YR20.242 does not require an
additional auxiliary voltage and is self-powered even in case of a short circuit across the
output.
Due to the low power losses, the unit is very slender and only requires 32mm width on the
DIN-rail.
The YR20.242 can be used for n+1 and 1+1 redundancy systems.
Further information and wiring configurations can be found in chapter 23.4.
22.3. YR20.246 - REDUNDANCY MODULE WITH AUTOMATED LOAD SHARING
The YR20.246 is equipped with two input channels, which are individually decoupled by
utilizing MOSFET technology. Using MOSFETSs instead of diodes reduces the heat generation
and the voltage drop between input and output. The YR20.246 does not require an
additional auxiliary voltage and is self-powered even in case of a short circuit across the
output.
21/28
Due to the low power losses, the unit is very slender and only requires 32mm width on the
DIN-rail.
The YR20.246 is optimized for 1+1 redundancy systems.
Compared to the YR20.242, the YR20.246 is featured with an automated load sharing
between the connected power supplies. The YR20.246 monitors the function of the redundancy circuitry and provides
a signal in case of too high of output current, which could prevent redundancy, if one power supply fails.
Further information and wiring configurations can be found in chapter 23.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com