Electronic Components Datasheet Search
  English  ▼

X  

FAN48610 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FAN48610
Description  2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN48610 Datasheet(HTML) 2 Page - ON Semiconductor

  FAN48610 Datasheet HTML 1Page - ON Semiconductor FAN48610 Datasheet HTML 2Page - ON Semiconductor FAN48610 Datasheet HTML 3Page - ON Semiconductor FAN48610 Datasheet HTML 4Page - ON Semiconductor FAN48610 Datasheet HTML 5Page - ON Semiconductor FAN48610 Datasheet HTML 6Page - ON Semiconductor FAN48610 Datasheet HTML 7Page - ON Semiconductor FAN48610 Datasheet HTML 8Page - ON Semiconductor FAN48610 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
August 2015
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN48610 • Rev. 1.5
FAN48610
2.5 MHz, Fixed-Output Synchronous TinyBoost® Regulator
Features
Input Voltage Range: 2.5 V to 4.50 V
Output Voltages Range: 3.0 V to 5.0 V
I
OUT ≥ 1 A at VOUT = 5.0 V, VIN ≥ 2.5 V
I
OUT ≥ 1.5 A at VOUT = 5.0 V, VIN ≥ 3.0 V
Up to 94% Efficient
Internal Synchronous Rectification
Soft-Start with True Load Disconnect
Short-Circuit Protection
9-Bump, 1.215 mm x 1.215 mm, 0.4 mm Pitch WLCSP
Three External Components: 2016 0.47 H Inductor,
0603 Case Size Input / Output Capacitors
Total Application Board Solution Size: < 11 mm2
Applications
Class-D Audio Amplifier and USB OTG Supply
Boost for Low-Voltage Li-Ion Batteries
Smart Phones, Tablets, Portable Devices, Wearables
Description
The FAN48610 is a low-power boost regulator designed to
provide a minimum voltage-regulated rail from a standard
single-cell Li-Ion battery and advanced battery chemistries.
Even below the minimum system battery voltage, the device
maintains the output voltage regulation for a minimum output
load current of 1.0 A. The combination of built-in power
transistors, synchronous rectification, and low supply current
suit the FAN48610 for battery-powered applications.
The FAN48610 is available in a 9-bump, 0.4 mm pitch,
Wafer-Level Chip-Scale Package (WLCSP).
Figure 1. Typical Application
Ordering Information
Part Number
VOUT
Operating
Temperature
Package
Packing
(1)
Device
Marking
FAN48610UC50X
5.0 V
-40°C to 85°C
WLCSP, 0.4 mm Pitch
Tape and Reel
KF
FAN48610BUC50X
(2)
FAN48610BUC45X
(2)
4.5 V
KA
FAN48610BUC33X
(2)
3.3 V
KN
Notes:
1.
Tape and reel specifications are available on www.fairchildsemi.com.
2.
Includes backside lamination.
FAN48610
VOUT
PGND
COUT
0.47
H
22
F
VIN
SW
EN
CIN
+
Battery
SYSTEM
LOAD
AGND
10
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com