Electronic Components Datasheet Search
  English  ▼

X  

364508V167 Datasheet(PDF) 3 Page - Lumberg

Part # 364508V167
Description  RAST 5 connectors, pitch 5.0 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

364508V167 Datasheet(HTML) 3 Page - Lumberg

  364508V167 Datasheet HTML 1Page - Lumberg 364508V167 Datasheet HTML 2Page - Lumberg 364508V167 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
36 3645 V167
01/2018
3
Designation
Pole Number
PU (Pieces)
MDQ (Pieces)
Dimensions
A (mm)
B (mm)
C (mm)
3645 02 V167
2
250
1000
5
10.2
12.3
3645 03 V167
3
250
1000
10
15.2
17.3
3645 04 V167
4
250
1000
15
20.2
22.3
3645 05 V167
5
250
1000
20
25.2
27.3
3645 06 V167
6
250
1000
25
30.2
32.3
3645 07 V167
7
250
1000
30
35.2
37.3
3645 08 V167
8
250
1000
35
40.2
42.3
3645 09 V167
9
250
1000
40
45.2
47.3
3645 10 V167
10
250
1000
45
50.2
52.3
3645 11 V167
11
250
1000
50
55.2
57.3
3645 12 V167
12
250
1000
55
60.2
62.3
Designation to be completed by further details (e.g. for keying, color or material options).
Packaging:
in bulk, in a cardboard box
of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com