Electronic Components Datasheet Search
  English  ▼

X  

SFH4059S Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH4059S
Description  High Power Infrared Emitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4059S Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH4059S Datasheet HTML 1Page - OSRAM GmbH SFH4059S Datasheet HTML 2Page - OSRAM GmbH SFH4059S Datasheet HTML 3Page - OSRAM GmbH SFH4059S Datasheet HTML 4Page - OSRAM GmbH SFH4059S Datasheet HTML 5Page - OSRAM GmbH SFH4059S Datasheet HTML 6Page - OSRAM GmbH SFH4059S Datasheet HTML 7Page - OSRAM GmbH SFH4059S Datasheet HTML 8Page - OSRAM GmbH SFH4059S Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Version 1.5
SFH 4059S
2016-08-11
3
Grouping (T
A = 25 °C)
Temperature coefficient of Ie or Φe
(I
F = 50 mA, tp = 20 ms)
(typ)
TCI
-0.5
% / K
Temperature coefficient of V
F
(I
F = 50 mA, tp = 20 ms)
(typ)
TC
V
-2
mV / K
Temperature coefficient of wavelength
(IF = 50 mA, tp = 20 ms)
(typ)
TC
λ
0.3
nm / K
Parameter
Min Irradiance
Max Irradiance
IF = 50 mA, tp = 20 ms
IF = 50 mA, tp = 20 ms
Ee, min [mW/cm²]
Ee, max [mW/cm²]
SFH 4059S -Q
6.3
12.5
SFH 4059S -R
10
20
SFH 4059S -S
16
32
Note:
Ee measured in the near field with a detector (7.2 mm diameter) in 20 mm distance (Ω = 0.1 sr) to the device
surface
Only one group in one packing unit (variation lower 2:1).
Relative Spectral Emission 3) page 13
(typ) Irel = f(λ), TA = 25 °C
Irradiance 3) page 13
Ee/Ee (50mA) = f (IF), Single pulse, tp = 25 μs,
TA= 25°C
Parameter
Symbol
Values
Unit
700
0
nm
%
OHF04132
20
40
60
80
100
950
750
800
850
Irel
λ
OHF05592
10
-3
3
10
Ε
e
(50 mA)
e
Ε
F
I
10
2
1
10
10
0
mA
10
-2
10
-1
0
10
2
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com