Electronic Components Datasheet Search
  English  ▼

X  

80CPQ020 Datasheet(PDF) 2 Page - International Rectifier

Part # 80CPQ020
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

80CPQ020 Datasheet(HTML) 2 Page - International Rectifier

  80CPQ020 Datasheet HTML 1Page - International Rectifier 80CPQ020 Datasheet HTML 2Page - International Rectifier 80CPQ020 Datasheet HTML 3Page - International Rectifier 80CPQ020 Datasheet HTML 4Page - International Rectifier 80CPQ020 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
80CPQ020
PD-20711 rev. B 11/99
2
Part number
80CPQ020
VR
Max. DC Reverse Voltage (V)
20
Voltage Ratings
V
FM
Max. Forward Voltage Drop
0.46
V
@ 40A
(Per Leg)
(1)
0.55
V
@ 80A
0.36
V
@ 40A
0.46
V
@ 80A
0.32
V
@ 40A
0.43
V
@ 80A
I
RM
Max. Reverse Leakage Current
5.5
mA
TJ = 25 °C
(Per Leg)
(1)
1100
mA
TJ = 125 °C
110
mA
TJ = 125 °C
VR = 5V
600
mA
TJ = 150 °C
VR = 10V
VF(TO) Threshold Voltage
0.185
V
T
J
= T
J
max.
rt
Forward Slope Resistance
3.2
m
Ω
C
T
Max. Junction Capacitance (Per Leg)
6500
pF
V
R = 5VDC, (test signal range 100Khz to 1Mhz) 25°C
LS
Typical Series Inductance (Per Leg)
7.5
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10,000
V/ µs
(Rated V
R
)
T
J
Max.JunctionTemperatureRange
-55to150
°C
T
stg
Max.StorageTemperatureRange
-55to150
°C
R
thJC
Max.ThermalResistanceJunction
0.6
°C/W
DC operation
toCase (Per Leg)
R
thJC
Max.ThermalResistanceJunction
0.3
°C/W
DC operation
toCase(Per Package)
R
thCS
TypicalThermalResistance,Case
0.25
°C/W
Mounting surface,smooth and greased
toHeatsink
wt
ApproximateWeight
6(0.21)
g(oz.)
T
MountingTorque
Min.
6(5)
Max.
12(10)
Case Style
TO-247AC(TO-3P) JEDEC
Thermal-Mechanical Specifications
Kg-cm
(Ibf-in)
T
J
= 25 °C
T
J
= 125 °C
Electrical Specifications
(1) Pulse Width < 300µs, Duty Cycle <2%
V
R
= rated V
R
Absolute Maximum Ratings
Parameters
Values
Units
Conditions
I
F(AV)
Max.AverageForward
(Per Leg)
80
A
50% duty cycle @ T
C
= 138°C, rectangular wave form
Current
(Per Device)
40
I
FSM
Max.PeakOneCycleNon-Repetitive
2200
5µs Sine or 3µs Rect. pulse
SurgeCurrent (Per Leg)
500
10ms Sine or 6ms Rect. pulse
E
AS
Non-RepetitiveAvalancheEnergy
27
mJ
T
J
= 25 °C, I
AS
= 6 Amps, L = 1.5 mH
(Per Leg)
I
AR
RepetitiveAvalancheCurrent
6
A
Current decaying linearly to zero in 1 µsec
(Per Leg)
Frequency limited by TJ max. VA = 1.5 x VR typical
A
Parameters
Values
Units
Conditions
T
J
= 150 °C
Parameters
Values
Units
Conditions
Following any rated
load condition and with
rated VRRM applied



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com