Electronic Components Datasheet Search
  English  ▼

X  

AM24LC16 Datasheet(PDF) 8 Page - Anachip Corp

Part # AM24LC16
Description  2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AM24LC16 Datasheet(HTML) 8 Page - Anachip Corp

Back Button AM24LC16 Datasheet HTML 2Page - Anachip Corp AM24LC16 Datasheet HTML 3Page - Anachip Corp AM24LC16 Datasheet HTML 4Page - Anachip Corp AM24LC16 Datasheet HTML 5Page - Anachip Corp AM24LC16 Datasheet HTML 6Page - Anachip Corp AM24LC16 Datasheet HTML 7Page - Anachip Corp AM24LC16 Datasheet HTML 8Page - Anachip Corp AM24LC16 Datasheet HTML 9Page - Anachip Corp AM24LC16 Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
AM24LC16
Anachip Corp.
www.anachip.com.tw
Rev. A1 Oct 20, 2003
8/10
ATC
8
1
9
ACKNOWLEDGE
START
Figure 3. Acknowledge Response from Receiver
SCL FROM MASTER
DATA OUTPUT FROM
TRANSMITTER
DATA OUTPUT FROM
RECEIVER
DATA n
BYTE
ADDRESS
SLAVE
ADDRESS
A
C
K
A
C
K
A
C
K
BUS ACTIVITY
SLAVE
SDA
LINE
BUS ACTIVITY
MASTER
Figure 4. Byte Write for Data
S
P
STOP
START
A
C
K
A
C
K
A
C
K
A
C
K
Figure 5. Page Write for Data
S
P
BUS ACTIVITY
SLAVE
SDA
LINE
BUS ACTIVITY
MASTER
DATA n
BYTE
ADDRESS n
SLAVE
ADDRESS
STOP
START
DATA n+15
DATA
P
A
C
K
Figure 6. Current Address Read for Data
s
BUS ACTIVITY
SLAVE
SDA
LINE
BUS ACTIVITY
MASTER
SLAVE
ADDRESS
STOP
START
A
C
K
NO
P
S
S
A
C
K
A
C
K
A
C
K
DATA n
Figure 7. Random Read for Data
BYTE
ADDRESS n
SLAVE
ADDRESS
STOP
START
SLAVE
ADDRESS
START
BUS ACTIVITY
SLAVE
SDA
LINE
BUS ACTIVITY
MASTER
A
C
K
NO
S
A
C
K
DATA n
A
C
K
DATA n+1
A
C
K
DATA n+x
P
Figure 8. Sequential Read for Data
BUS ACTIVITY
SLAVE
SDA
LINE
BUS ACTIVITY
MASTER
SLAVE
ADDRESS
START
STOP
A
C
K
NO



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com