Electronic Components Datasheet Search
  English  ▼

X  

DS600U Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS600U
Description  0.5 Accurate Analog-Output Temperature Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS600U Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS600U Datasheet HTML 1Page - Maxim Integrated Products DS600U Datasheet HTML 2Page - Maxim Integrated Products DS600U Datasheet HTML 3Page - Maxim Integrated Products DS600U Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS600 ±0.5°C Accurate Analog-Output Temperature Sensor
2 of 4
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin (except CTG) Relative to Ground
-0.5V to +6.0V
Voltage Range on CTG Relative to Ground
-0.5 to +0.5V
Operating Temperature Range
-40°C to +125°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature (10s)
+260°C (See IPC/JEDEC J-STD-020A)
Reflow Oven Temperature
+220°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
(VCC = 2.7V to 5.5V, TA = -40°C to +125°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
2.7
5.5
V
-20°C to +100°C
±0.5
Thermometer Error
TERR
-40°C to +125°C
±0.75
°C
Output Gain
∆V/∆T
6.45
mV/°C
VOUT DC Offset
VOS
0°C
509
mV
Low-Level Input Voltage (SD)
VIL
-0.5
0.3 x VDD
V
High-Level Input Voltage (SD)
VIH
0.7 x VDD
VDD + 0.5
V
SD Input Capacitance
CSD
5
pF
VTH Input Capacitance
CVTH
5
pF
Low-Level Output Voltage
(TO,
TO)
VOL
4mA sink current
0
0.4
V
Supply Current
IDD
140
µA
Shutdown Current
ISD
2.5
µA
Input Current (VTH)
ITH
0.01
1
µA
Input Resistance (VTH)
RTH
5
MΩ
Leakage Current (SD)
IL
0.01
1
µA
External Load Capacitance
on VOUT
CEL
50
pF
VOUT Source Current
IOSO
10
µA
VOUT Sink Current
IOSI
10
µA
Output Impedance (VOUT)
ROUT
100
Ω
Power-Up Time
tPOWERUP
10
ms
Nonlinearity
±0.2
°C
Comparator Offset
±3
mV
Comparator Response Time
tCOMP
20
ms



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com