Electronic Components Datasheet Search
  English  ▼

X  

SI7540DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7540DP
Description  N- and P-Channel 12-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7540DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7540DP Datasheet HTML 1Page - Vishay Siliconix SI7540DP Datasheet HTML 2Page - Vishay Siliconix SI7540DP Datasheet HTML 3Page - Vishay Siliconix SI7540DP Datasheet HTML 4Page - Vishay Siliconix SI7540DP Datasheet HTML 5Page - Vishay Siliconix SI7540DP Datasheet HTML 6Page - Vishay Siliconix SI7540DP Datasheet HTML 7Page - Vishay Siliconix SI7540DP Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Si7540DP
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71911
S-22387—Rev.. C, 16-Dec-02
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
VDS = VGS, ID = 250 mA
N-Ch
0.6
1.5
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 mA
P-Ch
-0.6
-1.5
V
VDS = 0 V, VGS = "8 V
N-Ch
"100
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
P-Ch
"100
nA
VDS = 9.6 V, VGS = 0 V
N-Ch
1
VDS = -9.6 V, VGS = 0 V
P-Ch
-1
m
Zero Gate Voltage Drain Current
IDSS
VDS = 9.6 V, VGS = 0 V, TJ = 55_C
N-Ch
5
mA
VDS = -9.6 V, VGS = 0 V, TJ = 55_C
P-Ch
-5
VDS w 5 V, VGS = 4.5 V
N-Ch
20
On-State Drain Currenta
ID(on)
VDS p -5 V, VGS = -4.5 V
P-Ch
-20
A
VGS = 4.5 V, ID = 11.8 A
N-Ch
0.014
0.017
VGS = -4.5 V, ID = -8.9 A
P-Ch
0.026
0.032
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 2.5 V, ID = 9.8 A
N-Ch
0.020
0.025
W
VGS = -2.5 V, ID = -6.9 A
P-Ch
0.043
0.053
VDS = 5 V, ID = 11.8 A
N-Ch
32
Forward Transconductancea
gfs
VDS = -5 V, ID = -8.9 A
P-Ch
23
S
IS = 2.9 A, VGS = 0 V
N-Ch
0.77
1.2
Diode Forward Voltagea
VSD
IS = -2.9 A, VGS = 0 V
P-Ch
-0.8
-1.2
V
Dynamicb
N-Ch
11.5
17
Total Gate Charge
Qg
N-Channel
P-Ch
13
20
N-Channel
VDS = 6 V, VGS = 4.5 V, ID = 11.8 A
N-Ch
3.2
Gate-Source Charge
Qgs
P-Channel
P-Ch
4.1
nC
VDS = -6 V, VGS = -4.5 V, ID = -8.9 A
N-Ch
2.5
Gate-Drain Charge
Qgd
P-Ch
1.9
N-Ch
1.7
W
Gate Resistance
RG
P-Ch
3.5
W
N-Ch
30
45
Turn-On Delay Time
td(on)
P-Ch
35
55
N-Channel
W
N-Ch
50
75
Rise Time
tr
VDD = 6 V, RL = 6 W
ID ^ 1 A, VGEN = 4.5 V, RG = 6 W
P-Ch
42
65
P-Channel
W
N-Ch
60
90
Turn-Off Delay Time
td(off)
P-Channel
VDD = -6 V, RL = 6 W
I
^ -1 A, V
= -4.5 V, R = 6
W
P-Ch
54
85
ns
ID ^ -1 A, VGEN = -4.5 V, RG = 6 W
N-Ch
25
40
Fall Time
tf
P-Ch
17
30
Source-Drain
IF = 2.9 A, di/dt = 100 A/ms
N-Ch
40
80
Source-Drain
Reverse Recovery Time
trr
IF = -2.9 A, di/dt = 100 A/ms
P-Ch
40
80
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com