Electronic Components Datasheet Search
  English  ▼

X  

PE3C3236 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C3236
Description  SMA Male to N Male Right Angle Low Loss Test Cable Using PE-P300LL Coax, RoHS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3236 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C3236 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3236 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3236 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3236 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C3236 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• Connector 1: SMA Male
• Connector 2: N Male Right Angle
• Cable Type: PE-P300LL
Features
• 83% Velocity of Propagation
• Shielding effectiveness > 95 dB
• Maximum VSWR is < 1.40:1 to 18 GHz
• Minimum Bend Radius of 1.5 inches
• Operating Temperature range of -55 to +125 °C
• ROHS and REACH Compliant
• Same day shipment of custom lengths
• 100% Continuity and RF tested
.
Description
The PE3C3236 high performance test cable’s 0.3 inch diameter and 83% phase velocity offer very low loss performance
up to 18 GHz. The durable stainless steel connectors and FEP jacket provide a cost effective design ideal for test environ-
ments where a rugged cable assembly is required. The series is offered with Type N, TNC, and SMA connectors all rated to
18 GHz. A heavy Duty boot provides improved strain relief and adds to the durability of the cable assemblies. These cable
assemblies are built using a double shielded flexible cable, providing excellent shielding effectiveness of greater than 95 dB.
All PE3C3236 cable assemblies are 100% Continuity and RF tested to published specifications. Custom lengths are built to
order and shipped same day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.4:1
Velocity of Propagation
83
%
RF Shielding
95
dB
Capacitance
25 [82.02]
pF/ft [pF/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
1
2
4.5
9
18
GHz
Insertion Loss (Max.)
0.06
0.08
0.12
0.18
0.26
dB/ft
[0.20]
[0.26]
[0.39]
[0.59]
[0.85]
[dB/m]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA Male to N Male Right Angle Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C3236
PE3C3236 REV 1.0
SMA Male to N Male Right Angle Low Loss Test
Cable Using PE-P300LL Coax, RoHS
RF Cable Assemblies Technical Data Sheet
PE3C3236


Similar Part No. - PE3C3236

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3236-100CM PASTERNACK-PE3C3236-100CM Datasheet
418Kb / 5P
SMA Male to N Male Right Angle Low Loss Test Cable 100 cm Length Using PE-P300LL Coax, RoHS
PE3C3236-12 PASTERNACK-PE3C3236-12 Datasheet
418Kb / 5P
SMA Male to N Male Right Angle Low Loss Test Cable 12 Inch Length Using PE-P300LL Coax, RoHS
PE3C3236-150CM PASTERNACK-PE3C3236-150CM Datasheet
418Kb / 5P
SMA Male to N Male Right Angle Low Loss Test Cable 150 cm Length Using PE-P300LL Coax, RoHS
PE3C3236-200CM PASTERNACK-PE3C3236-200CM Datasheet
418Kb / 5P
SMA Male to N Male Right Angle Low Loss Test Cable 200 cm Length Using PE-P300LL Coax, RoHS
PE3C3236-24 PASTERNACK-PE3C3236-24 Datasheet
418Kb / 5P
SMA Male to N Male Right Angle Low Loss Test Cable 24 Inch Length Using PE-P300LL Coax, RoHS
More results

Similar Description - PE3C3236

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C1617 PASTERNACK-PE3C1617 Datasheet
418Kb / 5P
SMA Male Right Angle to TNC Male Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C1722 PASTERNACK-PE3C1722 Datasheet
429Kb / 5P
SMA Male to SMA Male Right Angle Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C2884 PASTERNACK-PE3C2884 Datasheet
419Kb / 5P
SMA Male Right Angle to SMA Male Right Angle Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C3235 PASTERNACK-PE3C3235 Datasheet
417Kb / 5P
SMA Male to SMA Male Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C3238 PASTERNACK-PE3C3238 Datasheet
418Kb / 5P
SMA Male Right Angle to N Male Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C3240 PASTERNACK-PE3C3240 Datasheet
416Kb / 5P
N Male to N Male Right Angle Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C3248 PASTERNACK-PE3C3248 Datasheet
418Kb / 5P
SMA Male to SMA Male Right Angle Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C3249 PASTERNACK-PE3C3249 Datasheet
418Kb / 5P
SMA Male Right Angle to N Male Right Angle Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C3250 PASTERNACK-PE3C3250 Datasheet
410Kb / 5P
SMA Male Right Angle to N Female Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C3251 PASTERNACK-PE3C3251 Datasheet
417Kb / 5P
SMA Male to N Male Right Angle Low Loss Test Cable Using PE-P300LL Coax, RoHS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com