Electronic Components Datasheet Search
  English  ▼

X  

HT95C200 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT95C200
Description  8-Bit CID Type Phone Controller MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C200 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT95C200 Datasheet HTML 1Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 2Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
HT95C200/20P/300/30P
8-Bit CID Type Phone Controller MCU
Rev. 0.10
1
October 1, 2002
Features
· Provide MASK type and OTP type version
· Operating voltage range:
- FSK: 3.0V~5.5V
- Others: 2.4V~5.5V
· Program ROM: 8K´16 bits
· Data RAM:
- HT95C300/30P: 2112´8 bits
- HT95C200/20P: 1152´8 bits
· Up to 28 bidirectional I/O lines
· 16-bit table read instructions
· Eight-level subroutine nesting
· Timer:
- Two 16-bit programmable Timer/Event Counter
- Real time clock (RTC)
- Watchdog Timer (WDT)
· Programmable frequency divider (PFD)
· Dual system clock: 32768Hz, 3.58MHz
· Four operating modes: Idle mode, Sleep mode,
Green mode and Normal mode
· Up to 1.117ms instruction cycle with 3.58MHz system
clock
· Built-in 3.58MHz DTMF Generator
· Built-in FSK decoder:
- Supports Bell 202 and V.23
- Supports ring and line reversal detection
· LCD driver:
- HT95C300/30P: 48 seg.´16 com.
- HT95C200/20P: 24 seg.´16 com.
- Support 16 or 8 common driver pins
- HT95C300/30P: 12 segments can per nibble op-
tion to bidirectional I/O lines
- HT95C200/20P: 8 commons can per byte option to
bidirectional I/O lines
- LCD contrast can be adjusted by software or exter-
nal resistor
- Support two LCD frame frequency 64Hz, 128Hz
· Built-in Low Battery detector
· All instructions in one or two machine cycles
· Built-in dialer I/O
· 128-pin QFP package
Applications
· Deluxe Feature Phone
· Caller ID Phone
· Cordless Phone
· Fax and answering machines
· Other communication system
Preliminary
General Description
The HT95C200/20P/300/30P are 8-bit high perfor-
mance RISC-like microcontrollers with built-in DTMF
generator, FSK decoder and dialer I/O which provide
MCU dialer implementation or system control features
for telecom product application. The phone controller
has a built-in program ROM, data RAM, LCD driver and
a maximum of 28 I/O lines for high end products design.
In addition, for power management purpose, it has a
built-in frequency up conversion circuit (32768Hz to
3.58MHz) which provides dual system clock and four
types of operation modes. For example it can operate
with low speed system clock rate of 32768Hz in green
mode with little power consumption. It can also operate
with high speed system clock rate of 3.58MHz in normal
mode for high performance operation. To ensure
smooth dialer function and to avoid MCU shut-down in
extreme low voltage situation, the dialer I/O circuit is
built-in to generate hardware dialer signals such as
on-hook, hold-line and hand-free.
Built-in real time
clock and programmable frequency divider are provided
for additional fancy features in product developments.
The device is best suitable for feature phone products
that comply with versatile dialer specification require-
ments of different areas or countries.


Similar Part No. - HT95C200

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95C200 HOLTEK-HT95C200 Datasheet
768Kb / 42P
8-Bit LCD Type Phone Controller MCU
October 1, 2002
HT95C200 HOLTEK-HT95C200 Datasheet
364Kb / 52P
LCD Type Phone 8-Bit MCU
May 26, 2004
HT95C200 HOLTEK-HT95C200 Datasheet
416Kb / 51P
CID Type Phone 8-Bit MCU
May 26, 2005
More results

Similar Description - HT95C200

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95AXXX HOLTEK-HT95AXXX Datasheet
360Kb / 48P
I/O Type Phone 8-Bit MCU
May 26, 2004
HT95L100 HOLTEK-HT95L100 Datasheet
768Kb / 42P
8-Bit LCD Type Phone Controller MCU
October 1, 2002
HT95LXXX HOLTEK-HT95LXXX Datasheet
364Kb / 52P
LCD Type Phone 8-Bit MCU
May 26, 2004
HT95CXXX HOLTEK-HT95CXXX Datasheet
416Kb / 51P
CID Type Phone 8-Bit MCU
May 26, 2005
HT95R23 HOLTEK-HT95R23 Datasheet
442Kb / 53P
I/O Type Phone 8-bit MCU
March 25, 2008
HT95R24 HOLTEK-HT95R24 Datasheet
365Kb / 53P
Phone 8-bit MCU
February 17, 2009
HT95R25 HOLTEK-HT95R25 Datasheet
354Kb / 51P
Phone 8-bit MCU
March 6, 2009
HT95R54 HOLTEK-HT95R54 Datasheet
541Kb / 80P
CID Phone 8-Bit MCU
March 3, 2010
HT95R64 HOLTEK-HT95R64 Datasheet
546Kb / 82P
CID Phone 8-Bit MCU with CPT
HT95R22 HOLTEK-HT95R22 Datasheet
374Kb / 52P
I/O Type Phone 8-bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com