Electronic Components Datasheet Search
  English  ▼

X  

BC807U Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BC807U
Description  Dual PNP Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC807U Datasheet(HTML) 1 Page - Micro Commercial Components

  BC807U Datasheet HTML 1Page - Micro Commercial Components BC807U Datasheet HTML 2Page - Micro Commercial Components BC807U Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Mechanical Data
Dual
PNP
Transistor
Features
SOT-363
DIMENSIONS
J
M
A
C
B
G
H
K
D
L
www.mccsemi.com
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.00
6
.01
4
0.1
5
0.3
5
B
.045
.053
1.15
1.35
C
.0
85
.0
96
2.
15
2.
45
D
.026
0.65Nominal
G
.0
47
.0
55
1.20
1.40
H
.071
.087
1.80
2.20
J
---
.004
---
0.10
K
.035
.0
43
0.90
1.
10
L
.010
.01
8
0.2
6
0.4
6
M
.00
3
.0
06
0.
08
0.
15
BC8
07U
INCHES
Revision: A
1 of
3
2017/06/22
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
•
Marking: S5B
RoHS Compliant. See ordering information)
•
Halogen free available upon request by adding suffix "-HF"
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
•
For AF input stages and drive applications
•
High hFE
Micro Commercial Components
20736 Marilla Street Chatsworth
CA 91311
Phone:(818) 701-4933
Fax: (818) 701-4939
Micro Commercial Components
M C C
R
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-45
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-0.5
A
PC
Collector Power Dissipation
0.3
W
RΘJA
Thermal Resistance from Junction
to Ambient
417
℃/W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~+150
℃


Similar Part No. - BC807U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC807U INFINEON-BC807U Datasheet
45Kb / 4P
PNP Silicon Transistor Array
Nov-29-2001
BC807U INFINEON-BC807U Datasheet
74Kb / 7P
PNP Silicon AF Transistor Array
2007-04-20
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
logo
Infineon Technologies A...
BC807U INFINEON-BC807U Datasheet
528Kb / 7P
PNP Silicon AF Transistor Array
2011-08-11
logo
First Silicon Co., Ltd
BC807U FS-BC807U Datasheet
278Kb / 3P
General Purpose Transistors
More results

Similar Description - BC807U

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT4403 JIANGSU-MMDT4403 Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com