Electronic Components Datasheet Search
  English  ▼

X  

ICS840051 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS840051
Description  FEMTOCLOCK CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS840051 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS840051 Datasheet HTML 1Page - Integrated Circuit Systems ICS840051 Datasheet HTML 2Page - Integrated Circuit Systems ICS840051 Datasheet HTML 3Page - Integrated Circuit Systems ICS840051 Datasheet HTML 4Page - Integrated Circuit Systems ICS840051 Datasheet HTML 5Page - Integrated Circuit Systems ICS840051 Datasheet HTML 6Page - Integrated Circuit Systems ICS840051 Datasheet HTML 7Page - Integrated Circuit Systems ICS840051 Datasheet HTML 8Page - Integrated Circuit Systems ICS840051 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
840051AG
www.icst.com/products/hiperclocks.html
REV. A JANUARY 14, 2005
1
Integrated
Circuit
Systems, Inc.
ICS840051
FEMTOCLOCKS™CRYSTAL-TO-
LVCMOS/LVTTL CLOCK GENERATOR
GENERAL DESCRIPTION
The ICS840051 is a Gigabit Ethernet Clock
Generator and a member of the HiPerClocksTM
family of high performance devices from ICS.
The ICS840051 can synthesize 10 Gigabit
Ethernet, SONET, or Serial ATA reference clock
frequencies with the appropriate choice of crystal and
output divider. The ICS840051 has excellent phase jitter
performance and is packaged in a small 8-pin TSSOP,
making it ideal for use in systems with limited board space.
FEATURES
• 1 LVCMOS/LVTTL output, 15Ω output impedance
• Crystal oscillator interface designed for
18pF parallel resonant crystals
• Output frequency range: 70MHz - 170MHz
• VCO range: 560MHz - 680MHz
• RMS phase jitter at 155.52MHz (1.875MHz - 20MHz):
0.48ps (typical)
• RMS phase noise at 155.52MHz
Offset Noise Power
100Hz ............... -99.7 dBc/Hz
1KHz ................ -120 dBc/Hz
10KHz ................ -128 dBc/Hz
100KHz ................ -127 dBc/Hz
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Lead-Free fully RoHS compliant
• Industrial temperature information available upon request
HiPerClockS™
ICS
ICS840051
8-Lead TSSOP
4.40mm x 3.0mm x 0.925mm
package body
G Package
Top View
VDDA
OE
XTAL_OUT
XTAL_IN
1
2
3
4
VDD
Q0
GND
FREQ_SEL
8
7
6
5
BLOCK DIAGRAM
OSC
Phase
Detector
VCO
560MHz-680MHz
0 ÷4 (default)
1 ÷8
÷32
(fixed)
XTAL_IN
XTAL_OUT
Q0
FREQUENCY TABLE
s
t
u
p
n
I
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
)
z
H
M
(
)
z
H
M
(
y
c
n
e
u
q
e
r
F
l
a
t
s
y
r
CL
E
S
_
Q
E
R
F
1
0
6
1
4
1
.
0
20
2
1
8
2
3
1
.
1
6
1
1
0
6
1
4
1
.
0
21
6
0
4
6
6
5
.
0
8
5
2
1
3
5
.
9
10
5
2
.
6
5
1
5
2
1
3
5
.
9
11
5
2
1
.
8
7
4
4
.
9
10
2
5
.
5
5
1
4
4
.
9
11
6
7
.
7
7
5
7
.
8
10
0
5
1
5
7
.
8
11
5
7
PIN ASSIGNMENT
OE
FREQ_SEL
Pullup
Pulldown


Similar Part No. - ICS840051

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840051AGI ICST-ICS840051AGI Datasheet
210Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A JANUARY 14, 2005
ICS840051AGILF ICST-ICS840051AGILF Datasheet
210Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A JANUARY 14, 2005
ICS840051AGILFT ICST-ICS840051AGILFT Datasheet
210Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A JANUARY 14, 2005
ICS840051AGIT ICST-ICS840051AGIT Datasheet
210Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A JANUARY 14, 2005
ICS840051I ICST-ICS840051I Datasheet
210Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A JANUARY 14, 2005
More results

Similar Description - ICS840051

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840011 ICST-ICS840011 Datasheet
190Kb / 11P
FEMTOCLOCKS CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
REV. A OCTOBER 15, 2004
logo
Integrated Device Techn...
ICS841664I IDT-ICS841664I Datasheet
312Kb / 16P
FEMTOCLOCK??CRYSTAL-TO-HCSL CLOCK GENERATOR
ICS840001I-25 IDT-ICS840001I-25 Datasheet
451Kb / 12P
FEMTOCLOCK LVCMOS LVTTL CLOCK GENERATOR
840N021 IDT-840N021 Datasheet
268Kb / 13P
FemtoClock NG Crystal-to-LVCMOS/LVTTL Clock
840001I-25 IDT-840001I-25 Datasheet
274Kb / 13P
FemtoClock LVCMOS/LVTTL Clock Generator
logo
Renesas Technology Corp
840001I-25 RENESAS-840001I-25 Datasheet
462Kb / 14P
FemtoClock® LVCMOS/LVTTL Clock Generator
January 15, 2016
840011 RENESAS-840011 Datasheet
403Kb / 14P
FemtoClock® Crystal-to-LVCMOS/ LVTTL Clock Generator
5/20/16
840051 RENESAS-840051 Datasheet
338Kb / 13P
FEMTOCLOCKS™ CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
9/1/15
ICS840051I RENESAS-ICS840051I Datasheet
368Kb / 13P
FEMTOCLOCKS™ CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
5/20/16
ICS840022I-02 RENESAS-ICS840022I-02 Datasheet
567Kb / 15P
FemtoClock® Crystal-to-LVCMOS/LVTTL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com