Electronic Components Datasheet Search
  English  ▼

X  

BC856AW Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BC856AW
Description  PNP General Purpose Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC856AW Datasheet(HTML) 1 Page - Micro Commercial Components

  BC856AW Datasheet HTML 1Page - Micro Commercial Components BC856AW Datasheet HTML 2Page - Micro Commercial Components BC856AW Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Maximum Ratings
•
Operating temperature : -65
to +150
•
Storage temperature : -65
to +150
BC856AW/BW
BC857AW/BW/CW
BC858AW/BW/CW
PNP
General Purpose
Transistors
Features
•
Ideally Suited for Automatic Insertion
•
Complementary PNP Silicon Types Available
Parameter
Min
Max
Units
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
SOT-323
Suggested Solder
Pad Layout
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.071
.087
1.80
2.20
B
.045
.053
1.15
1.35
D
.026 Nominal
0.65Nominal
E
.047
.055
1.20
1.40
F
.012
.016
.30
.40
G
.000
.004
.000
.100
H
.035
.039
.90
1.00
J
.004
.010
.100
.250
A
C
B
D
E
F
G
H
J
1.90
0.70
0.90
0.65
0.65
DIMENSIONS
K
Symbol
Electrical Characteristics @ 25
Unless Otherwise Specified
•
For Switching and AF Amplifier Applications
•
Marking: BC856AW---3A ; BC856BW---3B
BC857AW---3E ; BC857BW---3F ; BC857CW---3G
BC858AW---3J ; BC858BW---3K ; BC858CW---3L
www.mccsemi.com
Revision: E
2015/12/04
1 of
3
OFF CHARACTERISTICS
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=
-10µAdc, I
E=0)
BC856AW,BW
BC857AW,BW,CW
BC858AW,BW,CW
---
---
---
-80
-50
-30
Vdc
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=
-10mAdc, I
B=0)
BC856AW,BW
BC857AW,BW,CW
BC858AW,BW,CW
---
---
---
-65
-45
-30
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=
-1µAdc, I
C=0)
---
-5
Vdc
ICBO
Collector Cut-off Current )
(VCB=
-30v,IE=0)
---
-15
nAdc
HFE(1)
DC Current Gain(VCE=
-5V, I
C=
-2mA)
BC856AW,BC857AW,BC858AW
BC856BW,BC857BW,BC858BW
BC857CW,BC858CW
125
220
420
250
475
800
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=
-100mA, I
B=
-5mA)
---
-0.65
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=
-100mA, I
B=
-5mA)
---
-1.10
Vdc
fT
Transition Frequency
(VCE=
-5V, I
C=
-10mA, f=100MHz)
100
MHz
NF
Noise Figure
(VCE=
-5v,Ic=-200µA,Rs=2kohm,f=1kHz)
---
10
dB
CCBO
Collector-Base Capacitance
(VCB=
-10v,f=1.0kHz)
---
4.5
pF
Pd
Power Dissipation
---
150
mW
RJA
Thermal Resistance,Juncition to
Ambient
---
625
/W
Ic
Collector Current - Continuous
---
-100
mA
Note 1: Transistor mounted on an FR4 printed-circuit board
E
B
C
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
inches
mm
Halogen free available upon request by adding suffix "-HF"
•
C
.083
.096
2.10
2.45
K
.006
.016
.15
.40
Micro Commercial Components
M C C
TM
---


Similar Part No. - BC856AW

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC856AW SIEMENS-BC856AW Datasheet
273Kb / 8P
PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Diodes Incorporated
BC856AW DIODES-BC856AW Datasheet
47Kb / 2P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30251 Rev. A-2
logo
Infineon Technologies A...
BC856AW INFINEON-BC856AW Datasheet
229Kb / 8P
PNP Silicon AF Transistors
Dec-11-2001
logo
Diotec Semiconductor
BC856AW DIOTEC-BC856AW Datasheet
184Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Weitron Technology
BC856AW WEITRON-BC856AW Datasheet
544Kb / 6P
General Purpose Transistor PNP Silicon
More results

Similar Description - BC856AW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
PNP general purpose transistors
1999 May 31
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
PNP general purpose transistors
1999 Apr 20
BC557B PHILIPS-BC557B Datasheet
80Kb / 12P
PNP general purpose transistors
1997 Mar 27
logo
Pan Jit International I...
BC807 PANJIT-BC807 Datasheet
481Kb / 3P
PNP GENERAL PURPOSE TRANSISTORS
logo
Guangdong Kexin Industr...
BCW67 KEXIN-BCW67 Datasheet
42Kb / 2P
PNP General Purpose Transistors
BCW69 KEXIN-BCW69 Datasheet
40Kb / 2P
PNP General Purpose Transistors
KC860W KEXIN-KC860W Datasheet
69Kb / 2P
PNP General Purpose Transistors
logo
Weitron Technology
2SB985 WEITRON-2SB985 Datasheet
214Kb / 5P
PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
PNP general purpose transistors
2002 Feb 04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com