Electronic Components Datasheet Search
  English  ▼

X  

BC856S Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BC856S
Description  PNP Plastic-Encapsulate Transistors 200mW
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC856S Datasheet(HTML) 1 Page - Micro Commercial Components

  BC856S Datasheet HTML 1Page - Micro Commercial Components BC856S Datasheet HTML 2Page - Micro Commercial Components BC856S Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
Revision: B
2013/01/01
SOT-363
J
M
A
C
B
G
H
K
D
L
DIMENSIONS
BC856S
PNP
Plastic-Encapsulate
Features
Multi-chip Transistor
Ultra-Small Surface Mount Package
Maximum Ratings @
@ 25
C Unless Otherwise Specified
Symbol
Parameter
Value
Units
OFF CHARACTERISTICS
Pd
Power Dissipation @ TA=25 C
TJ, TSTG
Operating & Storage Temperature
-55~+150
ICM
Peak Collector Current
-100
mA
-80
V(BR)CBO
Collector-base Voltage
V
Transistors
200mW
mW
200
E1
B1
C2
C1
B2
E2
BC856S
Structure schematic diagram
www.mccsemi.com
1 of 3
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.00
6
.01
4
0.1
5
0.3
5
B
.045
.053
1.15
1.35
C
.0
85
.0
96
2.
15
2.
45
D
.026
0.65Nominal
G
.0
47
.0
55
1.20
1.40
H
.071
.087
1.80
2.20
J
---
.004
---
0.10
K
.035
.0
43
0.90
1.
10
L
.010
.01
8
0.2
6
0.4
6
M
.00
3
.0
06
0.
08
0.
15
o
o
oC
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
Mechanical Data
•
Case: SOT-363
•
Marking: 5Ft
INCHES
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - BC856S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856S PHILIPS-BC856S Datasheet
50Kb / 8P
PNP general purpose double transistor
1999 Aug 24
logo
Siemens Semiconductor G...
BC856S SIEMENS-BC856S Datasheet
42Kb / 6P
PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
BC856S INFINEON-BC856S Datasheet
58Kb / 6P
PNP Silicon AF Transistor Array
Nov-29-2001
logo
Diotec Semiconductor
BC856S DIOTEC-BC856S Datasheet
73Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC856S DIOTEC-BC856S Datasheet
108Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Double-Transistors
More results

Similar Description - BC856S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMDT3904 MCC-MMDT3904 Datasheet
113Kb / 2P
200mW Plastic-Encapsulate Transistors
MMDT3904 MCC-MMDT3904_11 Datasheet
219Kb / 2P
200mW Plastic-Encapsulate Transistors
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
BC856BS MCC-BC856BS Datasheet
301Kb / 3P
PNP Plastic-Encapsulate Transistors 200mW
MMDT3904 MCC-MMDT3904_13 Datasheet
247Kb / 2P
Plastic-Encapsulate Transistors 200mW
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com