Electronic Components Datasheet Search
  English  ▼

X  

BC857AT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BC857AT
Description  PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC857AT Datasheet(HTML) 1 Page - Micro Commercial Components

  BC857AT Datasheet HTML 1Page - Micro Commercial Components BC857AT Datasheet HTML 2Page - Micro Commercial Components BC857AT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BC857AT, BT, CT
Features
Epitaxial Die Construction
For Switching and AF Amplifier Applications
PNP SMALL SIGNAL
SURFACE MOUNT
TRANSISTOR
Maximum Ratings @ 25
O C Unless Otherwise Specified
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
-45
V
VCBO
Collector-Base Voltage
-50
V
VEBO
Emitter-Base Voltage
-6.0
V
IC
Collector Current-Continuous
-100
mA
Pd
Power Dissipation
150
mW
TJ
Operating Junction Temperature
-55 to +150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=-10mA, IB=0)
-45
---
---
V
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=-10
µA, I
B=0)
-50
---
---
V
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=-1
µA, I
C=0)
-6
---
---
V
ICBO
Collector Cutoff Current ( VCB = -30V)
---
---
-15
nA
hFE
DC Current Gain
Current Gain A
(VCE=-5.0V,IC=-2.0mA )
B
C
125
220
420
---
---
---
250
475
800
---
VCE(SAT)
Collector-Emitter Saturation Voltage
(IC = -10mA, IB = -0.5mA)
( IC = -100mA, IB = -5.0 mA)
---
---
---
---
-300
-650
mV
VBE(SAT)
Base-Emitter Saturation Voltage
(IC = -10mA, IB = -0.5mA)
(IC = -100mA, IB = -5.0mA)
---
---
-700
-900
---
---
mV
VBE(ON)
Base-Emitter Voltage
(VCE = -5.0V, IC = -2.0mA)
(VCE = -5.0V, IC = -10mA)
-600
---
---
---
-750
-820
mV
Noise
Figure
NF
(IC = -0.2mA, VCE = -5.0V, RS =
2.0K , f = 1.0KHz, BW = 200Hz)
---
---
10
dB
fT
Transition Frequency
(VCE = -5.0V, IC = -10mA,f=100MHz)
100
---
---
MHz
CoB
Output Capacitance
(VCB = -10V, f = 1.0MHz)
---
---
4.5
pF
Classification OF h FE
Rank
AT
BT
CT
Marking
3E
3F
3G
MCC
Revision:
B
20
13/01/01
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.059
.067
1.50
1.70
B
.030
.033
0.75
0.85
C
.057
.069
1.45
1.75
D
.020 Nominal
0.50Nominal
E
.035
.043
0.90
1.10
G
.000
.004
.000
.100
H
.028
.031
.70
0.80
J
.004
.008
.100
.200
K
.010
.014
.25
.35
A
C
B
D
E
G
H
J
K
E
B
C
SOT-523
www.mccsemi.com
1 of 3
TM
Micro Commercial Components
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
Compliant. See ordering information)
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - BC857AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC857AT PHILIPS-BC857AT Datasheet
46Kb / 8P
PNP general purpose transistors
1999 Apr 26
logo
Diodes Incorporated
BC857AT DIODES-BC857AT Datasheet
52Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30275 Rev. 2 - 2
logo
Infineon Technologies A...
BC857AT INFINEON-BC857AT Datasheet
55Kb / 6P
PNP Silicon AF Transistor
Nov-29-2001
logo
Diodes Incorporated
BC857AT DIODES-BC857AT Datasheet
353Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30275 Rev. 8 - 2
logo
NXP Semiconductors
BC857AT NXP-BC857AT Datasheet
153Kb / 9P
PNP general purpose transistors
2000 Nov 15
More results

Similar Description - BC857AT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMST2907A DIODES-MMST2907A Datasheet
54Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30081 Rev. 3 - 2
MMSTA92 DIODES-MMSTA92 Datasheet
46Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 3 - 2
BC856A_ DIODES-BC856A_ Datasheet
269Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
MMST4126 DIODES-MMST4126_1 Datasheet
82Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30161 Rev. 6 - 2
MMST5401 DIODES-MMST5401_1 Datasheet
209Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30170 Rev. 8 - 2
MMSTA92 DIODES-MMSTA92_1 Datasheet
77Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 8 - 2
MMBT2907AT DIODES-MMBT2907AT_1 Datasheet
353Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 7 - 2
BC857AT DIODES-BC857AT_1 Datasheet
353Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30275 Rev. 8 - 2
DP350T05 DIODES-DP350T05 Datasheet
82Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30624 Rev. 6 - 2
BC856A DIODES-BC856A_2 Datasheet
119Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 19 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com