Electronic Components Datasheet Search
  English  ▼

X  

BCV27 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BCV27
Description  NPN Surface Mount Darlington Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BCV27 Datasheet(HTML) 1 Page - Micro Commercial Components

  BCV27 Datasheet HTML 1Page - Micro Commercial Components BCV27 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCV
27
NPN Surface Mount
Darlington Transistor
Features
Electrical Characteristics @ 25°C Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(sus)CEO
Collector-Emitter Sustain Voltage
(IC=10mAdc, IB=0)
30
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100
µAdc, I
E=0)
40
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=10
µAdc, I
C=0)
10
Vdc
ICBO
Collector Cutoff Current
(VCB=
30Vdc, I
E=0)
100
nA
IEBO
Emitter Cutoff Current
(VEB=4Vdc, IC=0)
100
nA
ON CHARACTERISTICS
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=100mAdc, IB=100
µAdc)
1.0
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Current Gain-Bandwidth Product
(IC=50mAdc, VCE=5.0Vdc, f=100MHz)
170(typ)
MHz
Ccb
Collector output Capacitance
(VCB=10Vdec, IE=0, f=1.0MHz)
3.5(typ)
pF
Revision: A
201
6/04/14
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
www.mccsemi.com
1 of
2
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)
•
Halogen free available upon request by adding suffix "-HF"
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
High Collector Current
•
High Current Gain
Characteristic
Symbol
Max
Unit
Collector Power Dissipation
PC
300
mW
Thermal Resistance, Junction to Ambient
RqJA
416
°C/W
Junction and Storage Temperature
TJ, Tstg
–55 to +150
°C
Collector Current
IC
500
mA
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
2
3
1
E
B
C
4,000
10,000
hFE
DC Current Gain*
(IC=100
µAdc, V
CE=1Vdc)
(IC=10mAdc, VCE=5Vdc)
(IC=100mAdc, VCE=5Vdc)
(IC=500mAdc, VCE=5Vdc)
20,000
4,000
VBE(sat)
Base-Emitter Saturation Voltage
(IC=100mAdc, IB=100
µAdc)
1.5
Vdc
•
MAXIMUM RATINGS
•
Marking:FF
Micro Commercial Components
M C C
R


Similar Part No. - BCV27

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV27 PHILIPS-BCV27 Datasheet
43Kb / 8P
NPN Darlington transistors
1999 Apr 08
logo
Zetex Semiconductors
BCV27 ZETEX-BCV27 Datasheet
49Kb / 1P
NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Siemens Semiconductor G...
BCV27 SIEMENS-BCV27 Datasheet
140Kb / 4P
NPN Silicon Darlington Transistors (For general AF applications High collector current)
logo
Fairchild Semiconductor
BCV27 FAIRCHILD-BCV27 Datasheet
52Kb / 5P
NPN Darlington Transistor
logo
Infineon Technologies A...
BCV27 INFINEON-BCV27 Datasheet
49Kb / 5P
NPN Silicon Darlington Transistors
Jul-12-2001
More results

Similar Description - BCV27

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBTA28 DIODES-MMBTA28 Datasheet
62Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30367 Rev. 2 - 2
MMBT6427 DIODES-MMBT6427_1 Datasheet
166Kb / 4P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30048 Rev. 8 - 2
MMST6427 DIODES-MMST6427_1 Datasheet
360Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30166 Rev. 9 - 2
MMST6427 DIODES-MMST6427_2 Datasheet
120Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Rev. 10 - 2
MMBTA28 DIODES-MMBTA28_2 Datasheet
110Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30367 Rev. 9 - 2
MMBTA13 DIODES-MMBTA13_15 Datasheet
120Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Rev 11
MMSTA13 DIODES-MMSTA13_15 Datasheet
117Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Rev 9
logo
Micro Commercial Compon...
BCV47 MCC-BCV47 Datasheet
381Kb / 4P
NPN Surface Mount Darlington Transistor
MMBTA28 MCC-MMBTA28_15 Datasheet
855Kb / 4P
NPN Surface Mount Darlington Transistor
logo
Guangdong Kexin Industr...
MMSTA13 KEXIN-MMSTA13 Datasheet
72Kb / 3P
NPN Surface Mount Darlington Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com