Electronic Components Datasheet Search
  English  ▼

X  

BCV47 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BCV47
Description  NPN Surface Mount Darlington Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BCV47 Datasheet(HTML) 2 Page - Micro Commercial Components

  BCV47 Datasheet HTML 1Page - Micro Commercial Components BCV47 Datasheet HTML 2Page - Micro Commercial Components BCV47 Datasheet HTML 3Page - Micro Commercial Components BCV47 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BCV47
Revision: A
2015/05/26
www.mccsemi.com
2 of 4
Typical Characteristics
h
——
I
Static Characteristic
FE
C
250
1000
3.2uA
200
150
100
100
50
B
0
10
0
2
4
6
8
(V)
10
1
10
COLLECTOR CURRENT
100
I
(mA)
500
COLLECTOR-EMITTER VOLTAGE
V
C
CE
V
——
I
V
—— I
CEsat
C
BEsat
C
2.0
1200
β=1000
β=1000
1000
1.5
800
T =100
℃
a
T =25
℃
a
600
T =25
℃
a
1.0
400
T =100
℃
a
200
0.5
0
500
1
10
COLLECTOR CURRENT
100
(mA)
500
1
10
COLLECTOR CURRENT
100
I
(mA)
I
C
C
I
——
V
C
/ C
——
V
/ V
C
BE
ob
ib
CB
EB
500
15
f=1MHz
I =0 / I =0
E
C
o
T =25 C
a
400
12
300
9
C
T =100
o
C
ib
a
200
6
T =25
℃
a
C
ob
100
3
V =5V
CE
0
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1
10
REVERSE VOLTAGE
V
(V)
20
BASE-EMITTER VOLTAGE
V (V)
BE
COMMON
EMITTER
T =25
℃
a
4.0uA
3.6uA
2.8uA
2.4uA
2.0uA
1.6uA
1.2uA
0.8uA
I =0.4uA
T =100
oC
a
V = 5V
CE
T =25
oC
a
Micro Commercial Components
M C C
R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com