Electronic Components Datasheet Search
  English  ▼

X  

BCW66F Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BCW66F
Description  NPN Small Signal Transistor 200mW
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BCW66F Datasheet(HTML) 1 Page - Micro Commercial Components

  BCW66F Datasheet HTML 1Page - Micro Commercial Components BCW66F Datasheet HTML 2Page - Micro Commercial Components BCW66F Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Mechanical Data
Case: SOT-23
Terminals: Solderable per MIL-STD-202, Method 208
Marking: EF
Maximum Ratings @ 25
oC Unless Otherwise Specified
Charateristic
Symbol
Value
Unit
Collector-Emitter Voltage
V
CEO
45
V
Collector-Base Voltage
V
CBO
75
V
Emitter-Base Voltage
V
EBO
5V
Collector Current(DC)
IC
800
mA
BCW66
F
NPN Small
Signal Transistor
200mW
RθJA
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.
104
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
A
B
C
D
E
F
G
H
J
SOT-23
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
15/03/03
TM
Micro Commercial Components
E
B
C
Features
Ideally Suited for Automatic Insertion
150
oC Junction Temperature
Low Current, Low Voltage
Epitaxial Planar Die Construction
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
www.mccsemi.com
1 of 3
Halogen free available upon request by adding suffix "-HF"
•
Collector Power Dissipation
P
d
200
mW
Thermal Resistance, Junction to
Ambient Air
625
oC/W
Operating & Storage Temperature
Tj,TSTG -55~150
oC


Similar Part No. - BCW66F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BCW66F STMICROELECTRONICS-BCW66F Datasheet
39Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Oct-1997
logo
Zetex Semiconductors
BCW66F ZETEX-BCW66F Datasheet
39Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCW66F SIEMENS-BCW66F Datasheet
134Kb / 6P
NPN Silicon AF Transistors (For general AF applications High current gain)
logo
Infineon Technologies A...
BCW66F INFINEON-BCW66F Datasheet
50Kb / 5P
NPN Silicon AF Transistor
Jul-10-2001
logo
Diotec Semiconductor
BCW66F DIOTEC-BCW66F Datasheet
181Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BCW66F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC846S MCC-BC846S Datasheet
343Kb / 4P
Dual NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN Datasheet
320Kb / 5P
PNP and NPN Small Signal Transistor 200mW
logo
Taiwan Semiconductor Co...
BC817-16W TSC-BC817-16W Datasheet
576Kb / 4P
200mW, NPN Small Signal Transistor
BC807W TSC-BC807W Datasheet
553Kb / 4P
200mW, PNP Small Signal Transistor
BC817W TSC-BC817W Datasheet
350Kb / 6P
200mW, NPN Small Signal Transistor
BC807-16W TSC-BC807-16W Datasheet
150Kb / 6P
200mW, PNP Small Signal Transistor
BC856A TSC-BC856A_14 Datasheet
323Kb / 6P
200mW, PNP Small Signal Transistor
logo
Micro Commercial Compon...
BC846BPN MCC-BC846BPN Datasheet
600Kb / 5P
PNP and NPN Small Signal Transistor 200mW
BC846S MCC-BC846S_13 Datasheet
372Kb / 4P
Dual NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN_13 Datasheet
350Kb / 5P
PNP and NPN Small Signal Transistor 200mW
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com