Electronic Components Datasheet Search
  English  ▼

X  

BCX70G Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BCX70G
Description  NPN Small Signal Transistor 250mW
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BCX70G Datasheet(HTML) 2 Page - Micro Commercial Components

  BCX70G Datasheet HTML 1Page - Micro Commercial Components BCX70G Datasheet HTML 2Page - Micro Commercial Components BCX70G Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MCC
BCX70 Series
Electrical Characteristics (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
BCX70G
VCE = 5 V, IC = 10
µA
———
BCX70H
VCE = 5 V, IC = 10
µA30
—
—
BCX70J
VCE = 5 V, IC = 10
µA40
—
—
BCX70K
VCE = 5 V, IC = 10
µA
100
—
—
BCX70G
VCE = 5 V, IC = 2 mA
120
—
220
DC Current Gain
BCX70H
hFE
VCE = 5 V, IC = 2 mA
180
—
310
—
BCX70J
VCE = 5 V, IC = 2 mA
250
—
460
BCX70K
VCE = 5 V, IC = 2 mA
380
—
630
BCX70G
VCE = 1 V, IC = 50 mA
50
—
—
BCX70H
VCE = 1 V, IC = 50 mA
70
—
—
BCX70J
VCE = 1 V, IC = 50 mA
90
—
—
BCX70K
VCE = 1 V, IC = 50 mA
100
—
—
Collector-Emitter Saturation Voltage
VCEsat
IC = 10 mA, IB = 0.25 mA
50
—
350
mV
IC = 50 mA, IB = 1.25 mA
100
—
550
Base-Emitter Saturation Voltage
VBEsat
IC = 10 mA, IB = 0.25 mA
600
—
850
mV
IC = 50 mA, IB = 1.25 mA
700
—
1050
VCE = 5 V, IC = 2 mA
550
650
750
Base-Emitter Voltage
VBE
VCE = 5 V, IC = 10
µA
—
520
—
mV
VCE = 1 V, IC = 50 mA
—
780
—
VCB = 45 V, VBE = 0 V
—
—
20
nA
Collector Cut-off Current
ICBO
VCB = 45 V, VBE = 0 V
——
20
µA
TA = 150°C
Emitter Cut-off Current
IEBO
VEB = 4 V, IC = 0
—
—
20
nA
Gain-Bandwidth Product
fT
VCE = 5 V, IC = 10 mA
100
250
—
MHz
f = 100 MHz
Collector-Base Capacitance
CCBO
VCB =10 V, f=1 MHz, IE = 0
—
2.5
—
pF
Emitter-Base Capacitance
CEBO
VEB = 0.5 V, f = 1 MHz, IC = 0
—8—
pF
VCE =5V, IC = 200
µA,
Noise Figure
F
RS =2 k
Ω, f = 1 kHz,
—
2
6
dB
B = 200 Hz
BCX70G
—
200
Small Signal Current Gain
BCX70H
hfe
VCE = 5 V, IC = 2 mA,
—
260
BCX70J
f = 1.0 kHZ
—
330
BCX70K
—
520
Turn-on Time at RL = 990
Ω (see fig. 1)
ton
VCC = 10 V, IC = 10 mA,
—
85
150
ns
IB(on) = -IB(off) = 1 mA
Turn-off Time at RL = 990
Ω (see fig. 1)
toff
VCC = 10 V, IC = 10 mA,
—
480
800
ns
IB(on) = -IB(off) = 1 mA
Revision: B
2013/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com