Electronic Components Datasheet Search
  English  ▼

X  

XCM414 Datasheet(PDF) 29 Page - Torex Semiconductor

Part # XCM414
Description  Voltage Regulator with Bridge Diode for Wireless Power Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM414 Datasheet(HTML) 29 Page - Torex Semiconductor

Back Button XCM414 Datasheet HTML 22Page - Torex Semiconductor XCM414 Datasheet HTML 23Page - Torex Semiconductor XCM414 Datasheet HTML 24Page - Torex Semiconductor XCM414 Datasheet HTML 25Page - Torex Semiconductor XCM414 Datasheet HTML 26Page - Torex Semiconductor XCM414 Datasheet HTML 27Page - Torex Semiconductor XCM414 Datasheet HTML 28Page - Torex Semiconductor XCM414 Datasheet HTML 29Page - Torex Semiconductor XCM414 Datasheet HTML 30Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
29/30
XCM414
Series
MARK
Voltage (V)
MARK
Voltage (V)
2
2.X
8
8.X
3
3.X
9
9.X
4
4.X
A
10.X
5
5.X
B
11.X
6
6.X
C
12.X
7
7.X
MARK
PRODUCT SERIES
4
XC414Bxxxxx-G
■MARKING RULE
USP-8B10
3
4
5
6
7
8
1
2
①
②
③
④
⑤
① represents product series.
represents product series.
② represents Integer part of the output voltage range.
③ represents first digit of decimal point of output voltage range.
MARK
Voltage (V)
MARK
Voltage (V)
0
X.0
5
X.5
1
X.1
6
X.6
2
X.2
7
X.7
3
X.3
8
X.8
4
X.4
9
X.9
④⑤ represents production lot number.
01 to 09, 0A to 0Z, A1 to A9, AA to AZ, B1 to ZZ repeated
* G, I, J, O, Q, W excluded
* No character inversion used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com