Electronic Components Datasheet Search
  English  ▼

X  

PE7102 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7102
Description  A/B Coaxial Electromechanical Relay Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7102 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7102 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7102 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7102 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Connectors
RF Connector Type
N Female
Control Connector
Solder Pin
Environmental Specifications
Temperature
Operating Range
-20 to +60 deg C
Storage Range
-30 to +100 deg C
Humidity
95% relative humidity max
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2014
Plotted and Other Data
Notes:
A/B Coaxial Electromechanical Relay Switch DC to 1,000 MHz, N, 5 Watts, 12V Control from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: A/B Coaxial Electromechanical Relay Switch DC to 1,000 MHz, N, 5 Watts, 12V Control PE7102
URL: http://www.pasternack.com/n-electromechanical-ab-coaxial-switch-1ghz-5watts-12volts-pe7102-p.aspx
PE7102 REV 1.1
Electromechanical Relay Switches Technical Data
PE7102
A/B Coaxial Electromechanical Relay Switch DC
to 1,000 MHz, N, 5 Watts, 12V Control



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com