Electronic Components Datasheet Search
  English  ▼

X  

PE7139 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7139
Description  2 Port N Manual Coaxial Switch With Surge Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7139 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7139 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7139 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7139 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Design
Manual Switch
Feature
Surge Protection
Number of Output Ports
2
RF Connectors
N Female
Electrical Specifications
Frequency Range, GHz
DC to 1.3
Maximum Input Power, Watts
500
Maximum Input VSWR
1.4:1
Frequency 1
Range, MHz
DC to 30
Insertion Loss, dB
0.1
VSWR
1.1
Frequency 2
Range, MHz
30 to 150
Insertion Loss, dB
0.15
VSWR
1.3:1
Frequency 3
Range, MHz
150 to 450
Insertion Loss, dB
0.5
VSWR
1.4:1
Frequency 4
Range, GHz
0.45 to 1.6
Insertion Loss, dB
0.5
Mechanical Specifications
Size
Length, in [mm]
5.5 [139.7]
Width, in [mm]
4.38 [111.25]
Height, in [mm]
2.07 [52.58]\
.
RF Connectors
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
REACH Compliant
06/18/2010
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 2 Port N Manual Coaxial Switch With Surge Protection From DC to 1.3 GHz Rated To
500 Watts PE7139
PE7139
PE7139 REV
2 Port N Manual Coaxial Switch With Surge Protection
From DC to 1.3 GHz Rated To 500 Watts


Similar Part No. - PE7139

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7139 PASTERNACK-PE7139 Datasheet
123Kb / 1P
N FEMALE MANUAL COAX SWITCH WITH SURGE PROTECTOR
PE7139-CART PASTERNACK-PE7139-CART Datasheet
223Kb / 1P
COAX SURGE PROTECTOR REPLACE MENT CARTRIDGE
More results

Similar Description - PE7139

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C16862C PERICOM-PI5C16862C Datasheet
129Kb / 4P
20-Bit, 2-Port Bus Switch with Undershoot Protection
logo
Bourns Electronic Solut...
CG0402MLU-12G BOURNS-CG0402MLU-12G_11 Datasheet
725Kb / 1P
Coaxial Port - ESD Protection
logo
Pasternack Enterprises,...
PE7139 PASTERNACK-PE7139 Datasheet
123Kb / 1P
N FEMALE MANUAL COAX SWITCH WITH SURGE PROTECTOR
PE7140 PASTERNACK-PE7140 Datasheet
122Kb / 1P
N FEMALE MANUAL COAX SWITCH WITH SURGE PROTECTOR
logo
List of Unclassifed Man...
CG0402MLU-12G ETC2-CG0402MLU-12G_12 Datasheet
217Kb / 1P
Coaxial Port - ESD Protection
logo
Shanghai awinic technol...
AW32801 AWINIC-AW32801 Datasheet
1Mb / 20P
Over-Voltage Protection Load Switch with Surge Protection
logo
Shanghai Leiditech Elec...
OVPXXS120 LEIDITECH-OVPXXS120 Datasheet
1Mb / 20P
Ovre-Voltage Protection Load Switch with Surge Protection
OVPXXS100 LEIDITECH-OVPXXS100 Datasheet
1Mb / 15P
Over-Voltage Protection Load Switch with Surge Protection
logo
Kinetic Technologies.
KTS1680A KINETIC-KTS1680A Datasheet
500Kb / 9P
Overvoltage Protected Load Switch with Surge Protection
June 2019 - Revision 04a
KTS1680C KINETIC-KTS1680C Datasheet
539Kb / 10P
Overvoltage Protected Load Switch with Surge Protection
October 2021 - Revision 04c
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com