Electronic Components Datasheet Search
  English  ▼

X  

SFH4550 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH4550
Description  Infrared Emitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4550 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH4550_17 Datasheet HTML 1Page - OSRAM GmbH SFH4550_17 Datasheet HTML 2Page - OSRAM GmbH SFH4550_17 Datasheet HTML 3Page - OSRAM GmbH SFH4550_17 Datasheet HTML 4Page - OSRAM GmbH SFH4550_17 Datasheet HTML 5Page - OSRAM GmbH SFH4550_17 Datasheet HTML 6Page - OSRAM GmbH SFH4550_17 Datasheet HTML 7Page - OSRAM GmbH SFH4550_17 Datasheet HTML 8Page - OSRAM GmbH SFH4550_17 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Version 1.6
SFH 4550
2017-06-22
5
Radiation Characteristics 2) page 8
Irel = f(ϕ), TA= 25°C
Package Outline
Dimensions in mm (inch).
Package
5mm Radial (T 1 ¾), Epoxy
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
0˚
10˚
20˚
40˚
30˚
OHL01718
50˚
60˚
70˚
80˚
90˚
100˚
0˚
20˚
40˚
60˚
80˚
100˚
120˚
5.7 (0.224)
5.1 (0.201)
1.8 (0.071)
1.2 (0.047)
Chip position
GEXY6271
Cathode
5.9 (0.232)
5.5 (0.217)
0.6 (0.024)
0.4 (0.016)
0.6 (0.024)
0.4 (0.016)
29 (1.142)
27 (1.063)
9.0 (0.354)
8.2 (0.323)
7.5 (0.295)
7.8 (0.307)
Area not flat



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com