Electronic Components Datasheet Search
  English  ▼

X  

SFH4554-CW Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH4554-CW
Description  Infrared Emitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4554-CW Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH4554-CW Datasheet HTML 1Page - OSRAM GmbH SFH4554-CW Datasheet HTML 2Page - OSRAM GmbH SFH4554-CW Datasheet HTML 3Page - OSRAM GmbH SFH4554-CW Datasheet HTML 4Page - OSRAM GmbH SFH4554-CW Datasheet HTML 5Page - OSRAM GmbH SFH4554-CW Datasheet HTML 6Page - OSRAM GmbH SFH4554-CW Datasheet HTML 7Page - OSRAM GmbH SFH4554-CW Datasheet HTML 8Page - OSRAM GmbH SFH4554-CW Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Version 1.4
SFH 4554
2016-09-26
5
Radiation Characteristics 2) page 8
Irel = f(ϕ), TA= 25°C
Package Outline
Dimensions in mm (inch).
Package
5mm Radial (T 1 ¾), Epoxy
OHF05644
0˚
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
0˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com