Electronic Components Datasheet Search
  English  ▼

X  

FMMT591 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FMMT591
Description  PNP Plastic-Encapsulate Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FMMT591 Datasheet(HTML) 1 Page - Micro Commercial Components

  FMMT591_13 Datasheet HTML 1Page - Micro Commercial Components FMMT591_13 Datasheet HTML 2Page - Micro Commercial Components FMMT591_13 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FMMT591
PNP
Plastic-Encapsulate
Transistor
Features
•
Power dissipation: PCM=0.5W(Tamb=25 )
•
Collector current: Ic=1A
Maximum Ratings*
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
60
V
VCBO
Collector-Base Voltage
80
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current,
1.0
A
Ptot
Power Dissipation at Tamb=25
500
mW
TJ
Operating Junction Temperature
-55 to +150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=10mAdc, IB=0)
60
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100
µAdc, IE=0)
80
---
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=100
µAdc, IC=0)
5.0
---
Vdc
ICBO
Collector Cutoff Current
(VCB=60Vdc, IE=0Vdc)
---
0.1
uAdc
IEBO
Emitter Cutoff Current
(VEB=4.0Vdc, IC=0)
---
0.1
uAdc
VCE(sat)
Collector-Emitter Saturation Voltage*
(IC=500mAdc, IB=50mAdc)
(IC=1Adc, IB=100mAdc)
---
---
0.3
0.6
Vdc
VBE(sat)
Base-Emitter Saturation Voltage*
(IC=1Adc, IB=100mAdc)
---
1.2
Vdc
VBE
Base-Emitter Voltage*
(VCE=5Vdc, IC=1Adc)
---
1
Vdc
hFE
DC Current Gain
(VCE=5Vdc, IC=1mAdc)
(VCE=5Vdc, IC=500mAdc)*
(VCE=5Vdc, IC=1Adc)*
(VCE=5Vdc, IC=2Adc)*
100
100
80
15
---
300
---
---
---
fT
Transition Frequency
(IC=50mAdc, VCE=10Vdc, f=100MHz)
150
---
MHz
Cob
Output Capacitance
(VCB=10Vdc, f=1.0MHz)
---
10
pF
* Measured under pulsed conditions. Pulse width=300us. Duty cycle
2%
C
BE
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.
104
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
A
B
C
D
E
F
G
H
J
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
B
20
13/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Top View
591
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
Pin Configuration
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - FMMT591_13

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
FMMT591 BILIN-FMMT591_14 Datasheet
211Kb / 4P
PNP Silicon Epitaxial Planar Transistor
logo
Diodes Incorporated
FMMT591 DIODES-FMMT591_15 Datasheet
476Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
More results

Similar Description - FMMT591_13

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC807-16W SECOS-BC807-16W Datasheet
197Kb / 3P
PNP Plastic Encapsulate Transistor
logo
Weitron Technology
BCX53 WEITRON-BCX53 Datasheet
700Kb / 3P
PNP Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
MMBT5401 MCC-MMBT5401 Datasheet
68Kb / 2P
PNP Plastic Encapsulate Transistor
logo
Weitron Technology
BC869 WEITRON-BC869 Datasheet
522Kb / 3P
PNP Plastic-Encapsulate Transistor
KTA1266 WEITRON-KTA1266 Datasheet
216Kb / 3P
PNP Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
2SA1012 MCC-2SA1012 Datasheet
213Kb / 2P
PNP Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
BC807 SECOS-BC807 Datasheet
419Kb / 2P
PNP Plastic Encapsulate Transistor
BC327 SECOS-BC327_15 Datasheet
299Kb / 3P
PNP Plastic-Encapsulate Transistor
CZD772M SECOS-CZD772M Datasheet
314Kb / 2P
PNP Plastic Encapsulate Transistor
BCX53 SECOS-BCX53_16 Datasheet
341Kb / 2P
PNP Plastic Encapsulate Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com