Electronic Components Datasheet Search
  English  ▼

X  

MMBT2222AT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMBT2222AT
Description  NPN General Purpose Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBT2222AT Datasheet(HTML) 1 Page - Micro Commercial Components

  MMBT2222AT Datasheet HTML 1Page - Micro Commercial Components MMBT2222AT Datasheet HTML 2Page - Micro Commercial Components MMBT2222AT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBT2222AT
NPN General
Purpose Amplifier
Features
Capable of 150mWatts of Power Dissipation
Operating and Storage Junction Temperatures -55
to 150
Collector Current: 0.6A
Electrical Characteristics @ 25 C Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=10mAdc, IB=0)
40
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=10 Adc, IE=0)
75
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=10 Adc, IC=0)
6.0
Vdc
ICBO
Collector Cut-off Current
(VCB=70Vdc, IE=0)
100
nAdc
ICEO
Collector Cutoff Current
(VCE=35Vdc, IB=0)
100
nAdc
IEBO
Emitter Cut-off Current
(VEB=3Vdc, IC=0)
100
nAdc
ON CHARACTERISTICS
hFE
DC Current Gain*
(IC=0.1mAdc, VCE=10Vdc)
(IC=1.0mAdc, VCE=10Vdc)
(IC=10mAdc, VCE=10Vdc)
(IC=150mAdc, VCE=10Vdc)
(IC=150mAdc, VCE=10Vdc)
(IC=500mAdc, VCE=10Vdc)
35
50
75
100
50
40
300
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=150mAdc, IB=15mAdc)
(IC=500mAdc, IB=50mAdc)
0.3
1.0
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=150mAdc, IB=15mAdc)
(IC=500mAdc, IB=50mAdc)
1.2
2.0
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Current Gain-Bandwidth Product
(IC=20mAdc, VCE=20Vdc, f=100MHz)
300
MHz
Cobo
Output Capacitance
(VCB=10Vdec, IE=0, f=100kHz)
8.0
pF
SWITCHING CHARACTERISTICS
td
Delay Time
10
ns
tr
Rise Time
(VCC=30Vdc, VBE=0.5Vdc
IC=150mAdc, IB1=15mAdc)
25
ns
ts
Storage Time
225
ns
tf
Fall Time
(VCC=30Vdc, IC=150mAdc
IB1=IB2=15mAdc)
60
ns
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
B
20
13/01/01
SOT-523
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A.059
.067
1.50
1.70
B
.030
.033
0.75
0.85
C
.057
.069
1.45
1.75
D
.020 Nominal
0.50Nominal
E.035
.043
0.90
1.10
G
.000
.004
.000
.100
H
.028
.031
.70
0.80
J
.004
.008
.100
.200
K
.010
.014
.25
.35
A
C
B
D
E
G
H
J
DIMENSIONS
K
TM
Micro Commercial Components
E
B
C
Marking:1P
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
www.mccsemi.com
1 of 3
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - MMBT2222AT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT2222AT DIODES-MMBT2222AT Datasheet
57Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30268 Rev. 2 - 2
logo
Weitron Technology
MMBT2222AT WEITRON-MMBT2222AT Datasheet
99Kb / 5P
Plastic-Encapsulate Transistors NPN Silicon
logo
Diodes Incorporated
MMBT2222AT DIODES-MMBT2222AT Datasheet
172Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30268 Rev. 8 - 2
logo
Micro Commercial Compon...
MMBT2222AT MCC-MMBT2222AT Datasheet
113Kb / 3P
NPN General Purpose Amplifier
logo
Diodes Incorporated
MMBT2222AT DIODES-MMBT2222AT Datasheet
182Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 10 - 2
More results

Similar Description - MMBT2222AT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
NPN General Purpose Amplifier
PN3566 FAIRCHILD-PN3566 Datasheet
26Kb / 3P
NPN General Purpose Amplifier
TN2219A FAIRCHILD-TN2219A Datasheet
39Kb / 3P
NPN General Purpose Amplifier
MMBT5550 FAIRCHILD-MMBT5550 Datasheet
105Kb / 6P
NPN General Purpose Amplifier
logo
Micro Commercial Compon...
2SC3265-O MCC-2SC3265-O Datasheet
331Kb / 3P
NPN General Purpose Amplifier
MMBT4401 MCC-MMBT4401_11 Datasheet
189Kb / 4P
NPN General Purpose Amplifier
logo
Unisonic Technologies
2N5088 UTC-2N5088_12 Datasheet
96Kb / 3P
NPN GENERAL PURPOSE AMPLIFIER
MMBT5088 UTC-MMBT5088_10 Datasheet
301Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER
PZT2222A UTC-PZT2222A_12 Datasheet
276Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com