Electronic Components Datasheet Search
  English  ▼

X  

MPC9449 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC9449
Description  3.3V / 2.5 V 1:15 PECL/LVCMOS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9449 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC9449 Datasheet HTML 1Page - Motorola, Inc MPC9449 Datasheet HTML 2Page - Motorola, Inc MPC9449 Datasheet HTML 3Page - Motorola, Inc MPC9449 Datasheet HTML 4Page - Motorola, Inc MPC9449 Datasheet HTML 5Page - Motorola, Inc MPC9449 Datasheet HTML 6Page - Motorola, Inc MPC9449 Datasheet HTML 7Page - Motorola, Inc MPC9449 Datasheet HTML 8Page - Motorola, Inc MPC9449 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order Number: MPC9449/D
Rev 1, 08/2002
1
© Motorola, Inc. 2002
3.3V/2.5V 1:15 PECL/LVCMOS
Clock Fanout Buffer
The MPC9449 is a 3.3V or 2.5V compatible, 1:15 clock fanout buffer
targeted for high performance clock tree applications. With output
frequencies up to 200 MHz and output skews less than 200 ps the device
meets the needs of the most demanding clock applications.
Features
• 15 LVCMOS compatible clock outputs
• Two selectable LVCMOS and one differential LVPECL compatible clock
inputs
• Selectable output frequency divider (divide-by-one and divide-by-two)
• Maximum clock frequency of 200 MHz
• Maximum clock skew of 200 ps
• High-impedance output control
• 3.3V or 2.5V power supply
• Drives up to 30 series terminated clock lines
• Ambient temperature range –40°C to +85°C
• 52 lead LQFP packaging
• Supports clock distribution in networking, telecommunication and
computing applications
• Pin and function compatible to MPC949
Functional Description
The MPC9449 is specifically designed to distribute LVCMOS
compatible clock signals up to a frequency of 200 MHz. The device has
15 identical outputs, organized in 4 output banks. Each output bank
provides a retimed or frequency divided copy of the input signal with a
near zero skew. The output buffer supports driving of 50
Ω terminated
transmission lines on the incident edge: each output is capable of driving
either one parallel terminated or two series terminated transmission lines.
Two selectable LVCMOS compatible clock inputs are available. This feature supports redundant differential clock sources. In
addition, the MPC9449 accepts one differential PECL clock signal. The DSELx pins choose between division of the input
reference frequency by one or two. The frequency divider can be set individually for each of the four output banks. Applying the
OE control will force the outputs into high-impedance mode.
All inputs have an internal pull-up or pull-down resistor preventing unused and open inputs from floating. The device supports a
2.5V or 3.3V power supply and an ambient temperature range of –40
°C to +85°C. The MPC9449 is pin and function compatible
but performance-enhanced to the MPC949. The device is packaged in a 52-lead LQFP package.
FA SUFFIX
52 LEAD LQFP PACKAGE
CASE 848D
MPC9449
3.3V/2.5V 1:15
PECL/LVCMOS
CLOCK FANOUT BUFFER
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC9449

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MPC9449 IDT-MPC9449 Datasheet
358Kb / 11P
3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer High-impedance output control
logo
Renesas Technology Corp
MPC9449 RENESAS-MPC9449 Datasheet
583Kb / 12P
3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer
2019
More results

Similar Description - MPC9449

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC100ES6130 MOTOROLA-MC100ES6130 Datasheet
280Kb / 8P
2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
logo
ON Semiconductor
NB100LVEP222 ONSEMI-NB100LVEP222 Datasheet
117Kb / 10P
2.5 V/3.3 V 1:15 Differential ECL/PECL 첨1/첨2 Clock Driver
October, 2005??Rev. 9
logo
Texas Instruments
SN65LVEP11 TI-SN65LVEP11 Datasheet
273Kb / 10P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11_10 Datasheet
405Kb / 12P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11_101 TI-SN65LVEP11_101 Datasheet
454Kb / 13P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
logo
Integrated Device Techn...
MPC9449 IDT-MPC9449 Datasheet
358Kb / 11P
3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer High-impedance output control
logo
Micrel Semiconductor
SY733021U MICREL-SY733021U Datasheet
556Kb / 11P
2.5/3.3V 1-to-1 Differential to LVCMOS/LVTTL Translator
logo
Renesas Technology Corp
MC100ES6130 RENESAS-MC100ES6130 Datasheet
597Kb / 10P
2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
2019
MPC9448 RENESAS-MPC9448 Datasheet
393Kb / 14P
3.3 V/2.5 V LVCMOS 1:12 Clock Fanout Buffer
2019
MPC9449 RENESAS-MPC9449 Datasheet
583Kb / 12P
3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com