Electronic Components Datasheet Search
  English  ▼

X  

OM6216SS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM6216SS
Description  TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM6216SS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM6216SS Datasheet HTML 1Page - List of Unclassifed Manufacturers OM6216SS Datasheet HTML 2Page - List of Unclassifed Manufacturers OM6216SS Datasheet HTML 3Page - List of Unclassifed Manufacturers OM6216SS Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS: T
C = 25° unless otherwise noted
ELECTRICAL CHARACTERISTICS: T
C = 25° unless otherwise noted
STATIC P/N OM6214SS (Per FET) (100 Volt)
STATIC P/N OM6215SS (Per FET) (200 Volt)
Parameter
Min. Typ. Max. Units Test Conditions
Parameter
Min. Typ. Max. Units Test Conditions
BV
DSS
Drain-Source Breakdown
100
V
V
GS = 0,
BV
DSS
Drain-Source Breakdown
200
V
V
GS = 0,
Voltage
I
D = 250 mA
Voltage
I
D = 250 mA
V
GS(th)
Gate-Threshold Voltage
2.0
4.0
V
V
DS = VGS, ID = 250 mAVGS(th)
Gate-Threshold Voltage
2.0
4.0
V
V
DS = VGS, ID = 250 m
I
GSSF
Gate-Body Leakage
±100
nA
V
GS = ±20 V
I
GSSF
Gate-Body Leakage
±100
nA
V
GS = ±20 V
I
DSS
Zero Gate Voltage Drain
0.1
0.25
mA
V
DS = Max. Rat., VGS = 0
I
DSS
Zero Gate Voltage Drain
0.1
0.25
mA
V
DS = Max. Rat., VGS = 0
Current
0.2
1.0
mA
V
DS = 0.8 Max. Rat., VGS = 0,
Current
0.2
1.0
mA
V
DS = 0.8 Max. Rat., VGS = 0,
T
C = 125° C
T
C = 125° C
I
D(on)
On-State Drain Current1
30
A
V
DS
2 V
DS(on), VGS = 10 V
I
D(on)
On-State Drain Current1
25
A
V
DS
2 V
DS(on), VGS = 10 V
V
DS(on)
Static Drain-Source On-State
1.1
1.3
V
V
GS = 10 V, ID = 20 A
V
DS(on)
Static Drain-Source On-State
1.36
1.52
V
V
GS = 10 V, ID = 16 A
Voltage1
Voltage1
R
DS(on)
Static Drain-Source On-State
.055 .065
V
GS = 10 V, ID = 20 A
R
DS(on)
Static Drain-Source On-State
.085
.095
V
GS = 10 V, ID = 16 A
Resistance1
Resistance1
R
DS(on)
Static Drain-Source On-State
.09
0.11
V
GS = 10 V, ID = 20 A,
R
DS(on)
Static Drain-Source On-State
0.14
0.17
V
GS = 10 V, ID = 16 A,
Resistance1
T
C = 125 C
Resistance1
T
C = 125 C
DYNAMIC
DYNAMIC
g
fs
Forward Transductance1
9.0
10
S(W )
V
DS
2 V
DS(on), ID = 20 A
g
fs
Forward Transductance1
8.0
12.5
S(W )
V
DS
2 V
DS(on), ID = 16 A
C
iss
Input Capacitance
2700
pF
V
GS = 0
C
iss
Input Capacitance
2400
pF
V
GS = 0
C
oss
Output Capacitance
1300
pF
V
DS = 25 V
C
oss
Output Capacitance
600
pF
V
DS = 25 V
C
rss
Reverse Transfer Capacitance
470
pF
f = 1 MHz
C
rss
Reverse Transfer Capacitance
250
pF
f = 1 MHz
t
d(on)
Turn-On Delay Time
28
ns
V
DD = 30 V, ID @ 20 A
t
d(on)
Turn-On Delay Time
25
ns
V
DD = 75 V, ID @ 16 A
t
r
Rise Time
45
ns
R
g = 5.0 W , VG = 10V
t
r
Rise Time
60
ns
R
g = 5.0 W ,VGS = 10V
t
d(off)
Turn-Off Delay Time
100
ns
t
d(off)
Turn-Off Delay Time
85
ns
t
f
Fall Time
50
ns
t
f
Fall Time
38
ns
BODY-DRAIN DIODE RATINGS AND CHARACTERISTICS
BODY-DRAIN DIODE RATINGS AND CHARACTERISTICS
I
S
Continuous Source Current
- 30
A
Modified MOSPOWER
I
S
Continuous Source Current
- 25
A
Modified MOSPOWER
(Body Diode)
symbol showing
(Body Diode)
symbol showing
I
SM
Source Current1
- 140
A
the integral P-N
I
SM
Source Current1
- 100
A
the integral P-N
(Body Diode)
Junction rectifier.
(Body Diode)
Junction rectifier.
V
SD
Diode Forward Voltage1
- 2.5
V
T
C = 25 C, IS = -40 A, VGS = 0
V
SD
Diode Forward Voltage1
- 2
V
T
C = 25 C, IS = -30 A, VGS = 0
t
rr
Reverse Recovery Time
400
ns
T
J = 150 C,IF = IS,trr
Reverse Recovery Time
350
ns
T
J = 150 C,IF = IS,
dl
F/ds = 100 A/ms
dl
F/ds = 100 A/ms
1 Pulse Test: Pulse Width 300msec, Duty Cycle
2%.
1 Pulse Test: Pulse Width 300msec, Duty Cycle
2%.
(MOSFET) switching times are
essentially independent of
operating temperature.
(MOSFET) switching times are
essentially independent of
operating temperature.
G
D
S
G
D
S



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com