Electronic Components Datasheet Search
  English  ▼

X  

MA300R Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MA300R
Description  Regulated, 3W DIP Single & Dual Output DC/DC Con vert ers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA300R Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MA300R Datasheet HTML 1Page - MicroPower Direct, LLC MA300R Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
10.80
12.0
13.20
24 VDC Input
21.60
24.0
26.40
Short Circuit Input Power
2,000
mW
Input Filter
Pi ( ) Filter
Conducted EMI
EN 55022 Class A
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±2.0
%
Output Voltage Balance
±1.0
±3.0
%
Line Regulation
VIN = Min to Max
±0.2
±0.5
%
Load Regulation
IOUT = 0% to 100%
±0.2
±0.5
%
Ripple & Noise (20 MHz)
See Note 1
60
mV P - P
Temperature Coefficient
±0.02
%/ºC
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz, 1V
300
pF
Switching Frequency
300
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
ºC
Operating Temperature Range
Case
+95
ºC
Storage Temperature Range
-55
+125
ºC
Cooling, See Note 2
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Drawing (Page 2)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.43 Oz (12.4g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
700
kHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
7.5
VDC
12 VDC Input
-0.7
15
24 VDC Input
-0.7
30
Lead Temperature
1.5 mm From Case For 10 Sec
260
ºC
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Key Features:
• 3W Output Power
• Compact DIP Case
• Tight Regulation
• Single & Dual Outputs
• 1,500 VDC Isolation
• >700 kHour MTBF
• 15 Standard Models
• Industry Standard Pin-Out
MA300R
Regulated, 3W DIP
Single & Dual Output
DC/DC Converters
Series
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - MA300R

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MA300RU MPD-MA300RU Datasheet
480Kb / 2P
MA300RU SERIES
MA300RUI MPD-MA300RUI Datasheet
481Kb / 2P
MA300RUI SERIES
MA300RW MPD-MA300RW Datasheet
494Kb / 2P
MA300RW SERIES
MA300RWI MPD-MA300RWI Datasheet
499Kb / 2P
MA300RWI SERIES
More results

Similar Description - MA300R

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A200RHI MPD-A200RHI Datasheet
184Kb / 2P
Very High Isolation, 2W Single & Dual Output DC/DC Con vert ers
B2000RU MPD-B2000RU Datasheet
275Kb / 4P
4:1 Input Range, 20W Single & Dual Output DC/DC Con vert ers
MA600ERU MPD-MA600ERU Datasheet
901Kb / 4P
4:1 Input, 6W DIP, Single & Dual Output DC/DC Con vert ers
MA1200RW MPD-MA1200RW Datasheet
379Kb / 3P
2:1 Input Range, 12W Single & Dual Output DC/DC Con vert ers
MA1500RU MPD-MA1500RU Datasheet
347Kb / 3P
4:1 Input Range, 15W Single & Dual Output DC/DC Con vert ers
MA300ERU MPD-MA300ERU Datasheet
1Mb / 4P
Wide 4:1 Input, 3W Single Output DIP DC/DC Con vert ers
MA300ERW MPD-MA300ERW Datasheet
850Kb / 4P
2:1 Input, 3W DIP, Single & Dual Output DC/DC Con vert ers
MA300MRURI4 MPD-MA300MRURI4 Datasheet
366Kb / 3P
EN 60601 Approved 4:1 Input, 3W DIP, DC/DC Con vert ers
MHI100X-XXDI5.7 MPD-MHI100X-XXDI5.7 Datasheet
662Kb / 3P
High Isolation, 1W SIP Single & Dual Output DC/DC Con vert ers
D100D MPD-D100D Datasheet
141Kb / 2P
Miniature, 1W SIP Dual Isolated Output DC/DC Con vert ers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com