Electronic Components Datasheet Search
  English  ▼

X  

ME200SE Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # ME200SE
Description  Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ME200SE Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  ME200SE Datasheet HTML 1Page - MicroPower Direct, LLC ME200SE Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
• 2W Output Power
• Ultra-Miniature SIP Case
• Short Circuit Protected
• 1,500 VDC Isolation
• >3.5 MHour MTBF
• -40°C to +85°C Operation
• LOW COST
ME200SE
Low Cost, 2W
Ultra-Miniature SIP
DC/DC Converters
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.50
5.0
5.50
VDC
24 VDC Input
21.60
24.0
26.40
Input Filter
Internal Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±3.0
%
Capacitive Load
220
µF
Line Regulation
For VIN Change of 1%
±1.2
%
Load Regulation
IOUT = 10% to 100%
10
15
%
Ripple & Noise (20 MHz)
See Note 1
75
mV P - P
Temperature Coefficient
±0.03
%/°C
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz, 0.1V
20
pF
Switching Frequency
100
300
kHz
EMI Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
EMI Compliance, See Note 3
Conducted
CISPR22/EN 55022 Level B
Radiated
CISPR22/EN 55022 Level B
EMC Compliance
Electrostatic Discharge (ESD)
EN 61000-4-2 Level B Contact ±8 kV
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
°C
Storage Temperature Range
-55
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Diagram (Page 2)
Case Material
Non-Conductive Black Plastic (UL-94V0)
Weight
0.06 Oz (1.8g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
3.5
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
9.0
VDC
24 VDC Input
-0.7
30.0
Lead Temperature
1.5 mm From Case For 10 Sec
300
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Series
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - ME200SE

ManufacturerPart #DatasheetDescription
logo
Amphenol Communications...
ME2005602311011 AMPHENOLCS-ME2005602311011 Datasheet
281Kb / 4P
Mini Cool Edge 0.60mm Connectors
ME2005602311041 AMPHENOLCS-ME2005602311041 Datasheet
281Kb / 4P
Mini Cool Edge 0.60mm Connectors
ME2005630501111 AMPHENOLCS-ME2005630501111 Datasheet
281Kb / 4P
Mini Cool Edge 0.60mm Connectors
ME2005630501211 AMPHENOLCS-ME2005630501211 Datasheet
281Kb / 4P
Mini Cool Edge 0.60mm Connectors
ME2008430501111 AMPHENOLCS-ME2008430501111 Datasheet
281Kb / 4P
Mini Cool Edge 0.60mm Connectors
More results

Similar Description - ME200SE

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D200E MPD-D200E Datasheet
181Kb / 2P
Low Cost, 2W SIP Single & Dual Output DC/DC Converters
D200EI MPD-D200EI Datasheet
168Kb / 2P
Low Cost, 2W SIP High Isolation DC/DC Converters
D200ERU MPD-D200ERU Datasheet
205Kb / 2P
Low Cost, 4:1 Input Miniature, 2W SIP DC/DC Converters
D200I MPD-D200I Datasheet
197Kb / 2P
High Isolation Miniature, 2W SIP DC/DC Converters
E100E MPD-E100E Datasheet
230Kb / 2P
Low Cost, 1W Ultra-Miniature SIP DC/DC Converters
E200 MPD-E200 Datasheet
175Kb / 2P
Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
E200E MPD-E200E Datasheet
201Kb / 2P
Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
E200I MPD-E200I Datasheet
171Kb / 2P
High Isolation, 2W Ultra-Miniature, SIP DC/DC Converters
MD200XE MPD-MD200XE Datasheet
350Kb / 2P
Low Cost, 2W Miniature SIP DC/DC Con vert ers
MD200XEI MPD-MD200XEI Datasheet
409Kb / 2P
Low Cost, 2W High Isolation SIP DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com