Electronic Components Datasheet Search
  English  ▼

X  

SM601 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # SM601
Description  SWITCHING REGULATOR POWER OUTPUT STAGES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SM601 Datasheet(HTML) 4 Page - Microsemi Corporation

  SM601 Datasheet HTML 1Page - Microsemi Corporation SM601 Datasheet HTML 2Page - Microsemi Corporation SM601 Datasheet HTML 3Page - Microsemi Corporation SM601 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SM600/SM601/SM602/SM610/SM611/SM612
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
4
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570
APPLICATION CIRCUITS (continued)
FIGURE 5 - STEP UP (BOOST) CONVERTER
4-PIN TO-66 METAL CAN
R - PACKAGE
Ambient
Temperature Range
SM600R
0
°C to 70°C
SM600HRR
-55
°C to 125°C
SM601R
0
°C to 70°C
SM601HRR
-55
°C to 125°C
SM602R
0
°C to 70°C
SM602HRR
-55
°C to 125°C
SM610R
0
°C to 70°C
SM610HRR
-55
°C to 125°C
SM611R
0
°C to 70°C
SM611HRR
-55
°C to 125°C
SM612R
0
°C to 70°C
SM612HRR
-55
°C to 125°C
Part No.
Package
Connection Diagram
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Note Below)
SM61X
COMMON
POSITIVE OUTPUT
DRIVE
POSITIVE INPUT
4
3
2
1
1
23
4
NEGATIVE OUTPUT
NEGATIVE INPUT
DRIVE
COMMON
Note 1. All packages are viewed from the top.
2. Case is electrically isolated.
3. Consult factory for additional screening available.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com