Electronic Components Datasheet Search
  English  ▼

X  

MH300RW Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MH300RW
Description  Wide Input, 3W Ultra-Miniature DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MH300RW Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MH300RW Datasheet HTML 1Page - MicroPower Direct, LLC MH300RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Key Features:
• 3W Output Power
• Miniature 0.55 x 0.55” Case
• Wide 2:1 Input Range
• EN 60950 Approval
• 1,500 VDC Isolation
• >3.45 MHour MTBF
• -40°C to +80°C Operation
• 28 Standard Models
MH300RW
Wide Input, 3W
Ultra-Miniature
DC/DC Converters
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Start Voltage
5 VDC Input
4.5
VDC
12 VDC Input
9.0
24 VDC Input
18.0
48 VDC Input
36.0
Short Circuit Input Power
0.50
W
Input Filter
Internal Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.5
%
Output Voltage Balance
Dual Output, Balanced Loads
±2.0
%
Line Regulation
VIN = MIN to MAX
±0.2
%
Load Regulation
IOUT = 0% to 100%
±1.0
%
Cross Regulation
See Note 2
±5.0
Ripple & Noise (20 MHz)
See Note 3
70
mV P - P
Temperature Coefficient
±0.01
±0.02
%/°C
Transient Recovery Time
See Note 4
250
500
µSec
Transient Response Deviation
±3.0
±5.0
%
Overload Protection
See Note 5
170
%
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
1 Second
1,800
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz, 1.0V
100
pF
Switching Frequency
100
kHz
EMI Characteristics
Parameter
Standard
Criterea
Level
Radiated Emissions
EN 55022
Class A
Conducted Emissions
EN 55022
Class A
ESD
EN 61000-4-2
A
±8 kV Air
±6 kV Contact
RS
EN 61000-4-3
A
10V/m
EFT, See Note 6
EN 61000-4-4
A
±2 kV
Surge, See Note 6
EN 61000-4-5
A
±1 kV
CS
EN 61000-4-6
A
10 Vrms
PFMF
EN 61000-4-8
A
3A/M
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+80
°C
Case
+95
Storage Temperature Range
-50
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Diagram (Page 2)
Case Material
Non-Conductive Black Plastic (UL-94V0)
Weight
0.14 Oz (3.9g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
3.45
MHours
Safety Standards
UL 60950, EN 60950
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
12.0
VDC
12 VDC Input
25.0
24 VDC Input
50.0
48 VDC Input
100.0
Lead Temperature
1.5 mm From Case For 10 Sec
260
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Series
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - MH300RW

ManufacturerPart #DatasheetDescription
logo
FLEXTRAL
MH30 FLEXTRAL-MH30 Datasheet
337Kb / 1P
MH30 Premium Soft Wall Dry Material Hose
V04.21
MH30-400A FLEXTRAL-MH30-400A Datasheet
337Kb / 1P
MH30 Premium Soft Wall Dry Material Hose
V04.21
MH30-400B FLEXTRAL-MH30-400B Datasheet
337Kb / 1P
MH30 Premium Soft Wall Dry Material Hose
V04.21
MH30-400C FLEXTRAL-MH30-400C Datasheet
337Kb / 1P
MH30 Premium Soft Wall Dry Material Hose
V04.21
MH30-400E FLEXTRAL-MH30-400E Datasheet
337Kb / 1P
MH30 Premium Soft Wall Dry Material Hose
V04.21
More results

Similar Description - MH300RW

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
Isolated 3W Wide Input DC-DC Converters
logo
Artesyn Technologies
BXA3 ARTESYN-BXA3 Datasheet
65Kb / 3P
3W Wide Input DC/DC Converters
logo
MicroPower Direct, LLC
A300RUI MPD-A300RUI Datasheet
89Kb / 2P
3W, Ultra-Wide Input High Isolation DC/DC Converters
logo
Murata Manufacturing Co...
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
Isolated 3W Wide Input DC/DC Converters
logo
MicroPower Direct, LLC
MHI300ARUI8 MPD-MHI300ARUI8 Datasheet
524Kb / 2P
Wide Input, 3W DIP Ultra-High Isolation DC/DC Converters
MHI300ARWI8 MPD-MHI300ARWI8 Datasheet
666Kb / 3P
Wide Input, 3W DIP Ultra-High Isolation DC/DC Converters
MR0611S MPD-MR0611S Datasheet
1Mb / 4P
Ultra-Wide Input, 6W Miniature, Railway DC/DC Converters
logo
Toppower Electronic Tec...
TP03DA TOPPOWER-TP03DA Datasheet
198Kb / 4P
3W Wide Range Input Voltage DC/DC Converters
TP2Y TOPPOWER-TP2Y Datasheet
638Kb / 4P
3W 1KVDC Isolated Wide Input DC/DC Converters
logo
MicroPower Direct, LLC
MH200RW MPD-MH200RW Datasheet
400Kb / 2P
Wide Input, 2W Ultra-Miniature DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com