Electronic Components Datasheet Search
  English  ▼

X  

MI2000SERU Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MI2000SERU
Description  Wide 4:1 Input, 20W Miniature 1 x 1 DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MI2000SERU Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MI2000SERU Datasheet HTML 1Page - MicroPower Direct, LLC MI2000SERU Datasheet HTML 2Page - MicroPower Direct, LLC MI2000SERU Datasheet HTML 3Page - MicroPower Direct, LLC MI2000SERU Datasheet HTML 4Page - MicroPower Direct, LLC MI2000SERU Datasheet HTML 5Page - MicroPower Direct, LLC MI2000SERU Datasheet HTML 6Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.micropowerdirect.com
MicroPower Direct • 292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
Model
Number
Input
Output
Capacitive
Load
(µF Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
MI2024S-03ERU-xxxx
24
9.0 - 36.0
790
60
3.3
5,000
250
10,300
87
4,000
MI2024S-12ERU-xxxx
24
9.0 - 36.0
926
60
12.0
1,667
84
1,200
90
5,000
MI2024S-15ERU-xxxx
24
9.0 - 36.0
926
60
15.0
1,333
67
750
90
5,000
MI2048S-03ERU-xxxx
48
18.0 - 75.0
391
30
3.3
5,000
250
10,300
88
2,000
MI2048S-05ERU-xxxx
48
18.0 - 75.0
462
30
5.0
4,000
200
5,400
90
2,500
MI2048S-15ERU-xxxx
48
18.0 - 75.0
463
30
15.0
1,333
67
750
90
2,500
Model Selection Guide
Derating Curve, <5 VOUT
Notes:
1. When measuring output ripple & noise, it is recommended that external capaci-
tors (10 µF & 1 µF) be connected in parallel from the +VOUT to the -VOUT pins.
2. Transient recovery is measured to within a 1% error band for a load step
change of 25%.
3. The voltage at the Remote On/Off pin (Pin 6) is referenced to the -VIN input (Pin
2). If the on/off pin is left open, the unit operates. If it is grounded, the unit will
shut off.
4. Operation at no-load will not damage these units. However, they may not meet all
specifications.The recommended minimum load is given in the model selection table
above.
5. It is recommended that a fuse be used on the input of a power supply for protection.
See the Model Selection table above for the correct rating.
Derating Curve, >5 VOUT
For the heatsink option, add suffix “H” to the
model number (i.e. MI2024S-12ERU-H)
For the chassis mount adapter board option,
add suffix “A2S” to the model number
(i.e. MI2024S-12ERU-A2S)
For the DIN rail mount adapter board option,
add suffix “A4S” to the model number
(i.e. MI2024S-12ERU-A4S)
External Trim
Parameter
Output Voltage (VDC)
3.3
5.0
12
15
R1 (k )
4.841
15.000
10.000
15.000
R2 (k )
2.870
15.000
2.609
3.000
R3 (k )
12.400
15.000
15.000
20.000
VREF (V)
1.24
2.50
2.50
2.50
External Trim Notes:
An external resistor can be used to adjust the converter output up/down by about
10%. The connection is shown in the diagram at left. The required resistor value
is calculated by the formulas:
Where RTRIM =
The value of the external trim resistor
VTRIM =
The amount of voltage adjustment required
The value of R1, R2, R3 and VREF are given in the table below.
If not used, the Trim pin (pin 4) should be left open.
Trim Up =
RTRIM =
A x R2
-R3 Where: A =
VREF
x R1
R2 - A
VTRIM - VREF
Trim Down = RTRIM =
A x R1
-R3 Where: A =
VTRIM - VREF
x R2
R1 - A
VREF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com