Electronic Components Datasheet Search
  English  ▼

X  

PE7158 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7158
Description  DPDT Electromechanical Relay Pulse Latching Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7158 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7158 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7158 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7158 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• SP4T Switch
• DC to 18GHz Frequency Range
• 1M Cycles Min Lifetime
• Normally Open Switch
• -40 to +85 Deg C Operating Temperature
• Insertion Loss 0.5 dB Max
• VSWR 1.5:1 Max
• +28 Vdc Operating Voltage
Applications
• Test & Measurement
• Instrumentation
.
Description
The PE7158 is a Single Pole Four Throw Electromechanical Relay Switch that operates from DC to 18 GHz and can handle
up to 85 Watts of CW input power. This design features a Normally Open Actuator and is rated for 1M Life Cycles. Insertion
loss is specified from 0.2 dB max and Isolation from 80 dB min, with +20 Vdc operating voltage. Performance is guaranteed
over -40 deg C to +85 deg C, and the switch assembly is RoHS and REACH compliant. The package interface uses solder
terminals and SMA female connectors.
Electrical Specifications
Switch Type
SP4T, Reflective
Actuator Type
Normally Open
Pickup Voltage
20 Volts
Dropout Voltage
2 Volts
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
Impedance
50
Ohms
Operating Voltage
22
28
30
Volts
Actuating Current @ 28 Volts
115
mA
VSWR
1.5:1
Insertion Loss
0.5
dB
Isolation
60
dB
Input Power (CW)
35
Watts
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SP4T Electromechanical Relay Normally Open Switch DC to 18 GHz, SMA, 35 Watts, 28V
Control PE7158
PE7158 REV 1.1
SP4T Electromechanical Relay Normally Open Switch
DC to 18 GHz, SMA, 35 Watts, 28V Control
Electromechanical Relay Switches Technical Data Sheet
PE7158


Similar Part No. - PE7158

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7158 PASTERNACK-PE7158 Datasheet
299Kb / 1P
SMA SP4T RELAY SWITCH, FAILSAFE & NORMALLY OPEN
More results

Similar Description - PE7158

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7146 PASTERNACK-PE7146_15 Datasheet
453Kb / 6P
SPDT Electromechanical Relay Pulse Latching Switch
PE7149 PASTERNACK-PE7149_17 Datasheet
515Kb / 3P
SPDT Electromechanical Relay Pulse Latching Switch
PE7151 PASTERNACK-PE7151_15 Datasheet
434Kb / 5P
Transfer Electromechanical Relay Latching Switch
PE7156 PASTERNACK-PE7156_16 Datasheet
371Kb / 3P
DPDT Electromechanical Relay Pulse Latching Switch
PEWGS6013 PASTERNACK-PEWGS6013 Datasheet
559Kb / 8P
WR-75 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6014 PASTERNACK-PEWGS6014 Datasheet
557Kb / 8P
WR-75 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6015 PASTERNACK-PEWGS6015 Datasheet
558Kb / 8P
WR-75 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6021 PASTERNACK-PEWGS6021 Datasheet
531Kb / 6P
WR-112 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6022 PASTERNACK-PEWGS6022 Datasheet
527Kb / 6P
WR-112 Waveguide Electromechanical Relay SPDT Latching Switch
logo
Teledyne Technologies I...
S422 TELEDYNE-S422 Datasheet
518Kb / 3P
SMT, DPDT Latching Commercial Electromechanical Relay
2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com