Electronic Components Datasheet Search
  English  ▼

X  

PE7160 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7160
Description  SP10T Electromechanical Relay Normally Open Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7160 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7160 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7160 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7160 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7160 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE7160 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE7160 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
• SP10T Switch
• DC to 8GHz Frequency Range
• 1M Cycles Min Lifetime
• Normally Open Switch
• -30 to +70 Deg C Operating Temperature
• Insertion Loss 0.25 dB Max
• VSWR 1.3:1 Max
• +28 Vdc Operating Voltage
Applications
• Test & Measurement
• Instrumentation
.
Description
The PE7160 is a Single Pole Ten Throw Electromechanical Relay Switch that operates from DC to 8 GHz and can handle
up to 120 Watts of CW input power. This design features a Normally Open Actuator and is rated for 1M Life Cycles. Insertion
loss is specified from 0.15 dB max and Isolation from 70 dB min, with +20 Vdc operating voltage. Performance is guaranteed
over -30 deg C to +70 deg C, and the switch assembly is RoHS and REACH compliant. The package interface uses solder
terminals and SMA female connectors.
Electrical Specifications
Switch Type
SP10T, Reflective
Actuator Type
Normally Open
Pickup Voltage
20 Volts
Dropout Voltage
2 Volts
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
8
GHz
Impedance
50
Ohms
Operating Voltage
24
28
32
Volts
Actuating Current @ 28 Volts
113
mA
VSWR
1.3:1
Insertion Loss
0.25
dB
Isolation
65
dB
Input Power (CW)
55
Watts
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SP10T Electromechanical Relay Normally Open Switch DC to 8 GHz, SMA, 55 Watts, 28V
Control PE7160
PE7160 REV 1.1
SP10T Electromechanical Relay Normally Open
Switch DC to 8 GHz, SMA, 55 Watts, 28V Control
Electromechanical Relay Switches Technical Data Sheet
PE7160


Similar Part No. - PE7160

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7160 PASTERNACK-PE7160 Datasheet
338Kb / 1P
SMA SP10T RELAY SWITCH, FAILSAFE & NORMALLY OPEN
More results

Similar Description - PE7160

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
75S-073+12 JFW-75S-073+12 Datasheet
26Kb / 1P
1P4T NORMALLY OPENED ELECTROMECHANICAL RF SWITCH
logo
Pasternack Enterprises,...
PE7158 PASTERNACK-PE7158 Datasheet
299Kb / 1P
SMA SP4T RELAY SWITCH, FAILSAFE & NORMALLY OPEN
PE7159 PASTERNACK-PE7159 Datasheet
325Kb / 1P
SMA SP6T RELAY SWITCH, FAILSAFE & NORMALLY OPEN
PE7160 PASTERNACK-PE7160 Datasheet
338Kb / 1P
SMA SP10T RELAY SWITCH, FAILSAFE & NORMALLY OPEN
PE71S6133 PASTERNACK-PE71S6133 Datasheet
471Kb / 4P
Normally Open Switch
PE71S6207 PASTERNACK-PE71S6207 Datasheet
771Kb / 6P
SP6T Electromechanical Relay Switch DC to 8 GHz, TNC, 60 Watts, 28V Control with Normally Open
PE71S6301 PASTERNACK-PE71S6301 Datasheet
460Kb / 6P
SP4T Electromechanical Relay Normally Open Switch DC to 22 GHz, SMA, 20 Watts, 12V Control
PE71S6195 PASTERNACK-PE71S6195 Datasheet
769Kb / 6P
SP6T Electromechanical Relay Switch DC to 10 GHz, N, 160 Watts, 28V Control with Normally Open
logo
Teledyne Technologies I...
CCT-38S TELEDYNE-CCT-38S Datasheet
804Kb / 10P
Normally Open Coaxial Switch
logo
Pasternack Enterprises,...
PE7159 PASTERNACK-PE7159_15 Datasheet
433Kb / 5P
SP6T Electromechanical Relay Normally Open Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com